Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 181 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 181 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 177Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 178Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 179Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 180Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 181Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 182Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 183Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 184Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 185Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
181
10.2.12 PWCTR3 (C2h): Power Control 3 (in Normal mode/ Full colors)
C2H
PWCTR3 (Power Control 3)
Inst / Para
D/CX WRX RDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
PWCTR3
0
↑
1
-
1
1
0
0
0
0
1
0
(C2h)
1
st Parameter
1
↑
1
-
0
0
0
0
0
APA2
APA1
APA0
2
nd Parameter
1
↑
1
-
STEP1A
_SEL3
STEP1A
_SEL2
STEP1A
_SEL1
STEP1A
_SEL0
0
STEP2A
_SEL2
STEP2A
_SEL1
STEP2A
_SEL0
3
rd Parameter
1
↑
1
-
1
LDO5
_SEL2
LDO5
_SEL1
LDO5
_SEL0
---
STEP4A
_SEL2
STEP4A
_SEL1
STEP4A
_SEL0
4
th Parameter
1
↑
1
-
-
STEP1AP
_SEL2
STEP1AP
_SEL1
STEP1AP
_SEL0
---
STEP2PA
_SEL2
STEP2PA
_SEL1
STEP2PA
_SEL0
5
th Parameter
1
↑
1
-
-
-
-
-
STEP4PA
_SEL2
STEP4PA
_SEL1
STEP4PA
_SEL0
NOTE: “-“ Don’t care
Description
-Set the amount of current in Operational amplifier in normal mode/full colors.
-Adjust the amount of fixed current from the fixed current source in the operational amplifier for the
source driver.
APA[2:0]
Amount of Current in Operational Amplifier
000
0
Operation of the operational amplifier stops
001
1
Small
010
2
Medium Low
011
3
Medium
100
4
Medium High
101
5
Large
110
6
Reserved
111
7
Reserved
-Set the Booster circuit Step-up cycle in Normal mode/ full colors.
Step1A_SEL[3:0]
Step-up cycle
in Booster circuit 1
0000
0
OSC/2048
0001
1
OSC/1024
0010
2
OSC/512
0011
3
OSC/128
0100
4
OSC/64
0101
5
OSC/16
0110
6
OSC/8
0111
7
OSC/4
1000
8
OSC/2048
1001
9
OSC/1024
1010
10
OSC/512
1011
11
OSC/128
1100
12
OSC/64
1101
13
OSC/16
1110
14
OSC/8
1111
15
OSC/4
Unit:KHz
Note:While Step1A_SEL3 setting to ‘0”, the charge pump circuit is selected to “Single mode”. On the contray to
“Dual mode”.
Step2A_SEL[2:0]
Step-up cycle
in Booster circuit 2
Step4A_SEL[2:0]
Step-up cycle
in Booster circuit 4
000
0
OSC/2048
000
0
OSC/2048
001
1
OSC/1024
001
1
OSC/1024
010
2
OSC/512
010
2
OSC/512
011
3
OSC/128
011
3
OSC/128
100
4
OSC/64
100
4
OSC/64
101
5
OSC/16
101
5
OSC/16
110
6
OSC/8
110
6
OSC/8
111
7
OSC/4
111
7
OSC/4
Unit:KHz
LDO5 [2:0]
C1S(V)
000
0
4.5
001
1
4.6
010
2
4.7
011
3
4.8
100
4
4.9
101
5
5.0
110
6
5.1
111
7
X
Unit(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com