Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 208 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 208 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 204Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 205Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 206Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 207Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 208Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 209Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 210Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 211Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 212Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
208
14. Example Connection with Panel direction and Different Resolution
14.1 Application of connection with panel direction
Case 1: (This is default case)
- 1st Pixel is at Left Top of the panel
- RGB filter order = RGB
Case 2:
- 1st Pixel is at Left Top of the panel
- RGB filter order = BGR
- Direction default setting (H/W)
SMX = ’0’
SMY = ‘0’
SRGB = ‘1
S1 = Filter B
S2 = Filter G
S3 = Filter R
- Display direction control (S/W)
- X-Mirror control by MX
- Y-Mirror control by MY
- XY-Exchange control by MV
G 319
G 319
G 319
G 319
S 720
S 720
S 720
S 720
01h 02h ------------EDh EEh
G1
G2
G3
|
G4
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
G317
|
G318
G319
G320
G 320
G 320
G 320
G 320
ST7787 (Bump Down)
G 1
G 1
G 1
G 1
S 1
S 1
S 1
S 1
G 2
G 2
G 2
G 2
00h
EFh
1
11
1
st
st
st
st Pixel
Pixel
Pixel
Pixel
IC (Bump down)
LCD Front side
CF Glass
TFT Glass
- Direction default setting (H/W)
SMX = ’0’
SMY = ‘0’
SRGB = ‘0’
S1 = Filter R
S2 = Filter G
S3 = Filter B
- Display direction control (S/W)
- X-Mirror control by MX
- Y-Mirror control by MY
- XY-Exchange control by MV
G 319
G 319
G 319
G 319
S 720
S 720
S 720
S 720
01h 02h ------------EDh EEh
G1
G2
G3
|
G4
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
G317
|
G318
G319
G320
G 320
G 320
G 320
G 320
ST7787 (Bump Down)
G 1
G 1
G 1
G 1
S 1
S 1
S 1
S 1
G 2
G 2
G 2
G 2
00h
EFh
1
11
1
st
st
st
st Pixel
Pixel
Pixel
Pixel
IC (Bump down)
LCD Front side
CF Glass
TFT Glass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com