Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 127 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 123Page - Texas Instruments AM3892 Datasheet HTML 124Page - Texas Instruments AM3892 Datasheet HTML 125Page - Texas Instruments AM3892 Datasheet HTML 126Page - Texas Instruments AM3892 Datasheet HTML 127Page - Texas Instruments AM3892 Datasheet HTML 128Page - Texas Instruments AM3892 Datasheet HTML 129Page - Texas Instruments AM3892 Datasheet HTML 130Page - Texas Instruments AM3892 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
2. The RESET pin must be asserted (low) for a minimum of 32 DEV_MXI cycles. Within the low period of
the RESET pin, the following happens:
(a) All pins, except test and emulation pins, enter a Hi-Z mode.
(b) The PRCM asserts reset to all modules within the device, except for the ARM Cortex-A8 interrupt
controller, test, and emulation.
(c) RSTOUT is asserted.
3. The RESET pin may now be de-asserted (driven high). When the RESET pin is de-asserted (high):
(a) The BOOT pins are latched.
(b) Reset to the ARM Cortex-A8 and modules without a local processor is de-asserted, with the
exception of the ARM Cortex-A8 interrupt controller, test, and emulation.
(c) RSTOUT is de-asserted.
(d) The clock, reset, and power-down state of each peripheral is determined by the default settings of
the PRCM.
(e) The ARM Cortex-A8 begins executing from the default address (Boot ROM).
(f) Since the ARM Cortex-A8 interrupt controller is not impacted by warm reset, application software
needs to explicitly clear all pending interrupts in the ARM Cortex-A8 interrupt controller.
7.2.4
Emulation Warm Reset
An emulation warm reset is activated by the on-chip emulation module. It has the same effect and
requirements as an external warm reset (RESET), with the exception that it does not re-latch the BOOT
pins.
The emulator initiates an emulation warm reset via the ICEPick module. To invoke the emulation warm
reset via the ICEPick module, the user can perform the following from the Code Composer Studio™ IDE
menu:
Debug
→ Advanced Resets → System Reset.
7.2.5
Watchdog Reset
A watchdog reset is initiated when the watchdog timer counter reaches zero. It has the same effect and
requirements as an external warm reset (RESET), with the exception that it does not re-latch the BOOT
pins. In addition, a watchdog reset always results in RSTOUT being asserted.
7.2.6
Software Global Cold Reset
A software global cold reset is initiated under software control. It has the same effect and requirements as
a power-on reset (POR), with the exception that it does not re-latch the BOOT pins.
Software initiates a software global cold reset by writing to RST_GLOBAL_COLD_SW in the
PRM_RST_CTRL register.
7.2.7
Software Global Warm Reset
A software global warm reset is initiated under software control. It has the same effect and requirements
as a external warm reset (RESET), with the exception that it does not re-latch the BOOT pins.
Software initiates a software global warm reset by writing to RST_GLOBAL_WARM_SW in the
PRM_RST_CTRL register.
7.2.8
Test Reset (TRST pin)
A test reset is activated by the emulator asserting the TRST pin. The only effect of a test reset is to reset
the emulation logic.
Copyright © 2010–2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
127
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com