Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 131 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 127Page - Texas Instruments AM3892 Datasheet HTML 128Page - Texas Instruments AM3892 Datasheet HTML 129Page - Texas Instruments AM3892 Datasheet HTML 130Page - Texas Instruments AM3892 Datasheet HTML 131Page - Texas Instruments AM3892 Datasheet HTML 132Page - Texas Instruments AM3892 Datasheet HTML 133Page - Texas Instruments AM3892 Datasheet HTML 134Page - Texas Instruments AM3892 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 299 page
background image
DEV_CLKIN
POR
RESET
BTMODE[4:0]
Other I/O Pins
(A)
Power Supplies Stable
1
2
3
5
Config
Hi-Z
4
5
4
RESET STATE
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
A.
For more detailed information on the reset state of each pin, see Section 7.2.16, Pin Behaviors at Reset. For the
IPU/IPD settings during reset, see Section 3.2, Terminal Functions.
Figure 7-3. Warm Reset (RESET) Timing
7.3
Clocking
The device clocks are generated from several external reference clocks that are fed to on-chip PLLs and
dividers (both inside and outside of the PRCM Module). Figure 7-4 shows a high-level overview of the
device clocking structure. Note that to reduce complexity, all clocking connections are not shown. For
detailed information on the device clocks, see the Clocking chapter of the AM38x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
NOTE
Frequency and timing data in this section is based on device operation at 1.0 GHz for the
ARM Cortex-A8.
Copyright © 2010–2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
131
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com