Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 135 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 131Page - Texas Instruments AM3892 Datasheet HTML 132Page - Texas Instruments AM3892 Datasheet HTML 133Page - Texas Instruments AM3892 Datasheet HTML 134Page - Texas Instruments AM3892 Datasheet HTML 135Page - Texas Instruments AM3892 Datasheet HTML 136Page - Texas Instruments AM3892 Datasheet HTML 137Page - Texas Instruments AM3892 Datasheet HTML 138Page - Texas Instruments AM3892 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 299 page
background image
CLKIN32
2
3
4
4
5
1
1
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 7-8. Exceptions to REFCLK AC Specification for LVDS Clock Sources
SYMBOL
PARAMETER
MIN
MAX
UNIT
VIH
Differential input high voltage (VIH)
125
1000
mV
VIL
Differential input high voltage (VIL)
-1000
-125
mV
Table 7-9. SERDES_CLKN/P Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Number of stubs allowed on SERDES_CLKN/P traces
0
Stubs
SERDES_CLKN/P trace length from oscillator to device
2000
Mils
SERDES_CLKN/P pair differential impedance
100
Ohms
Number of vias on each SERDES_CLKN/P trace(1)
3
Vias
SERDES_CLKN/P differential pair to any other trace spacing
2*DS(2)
(1)
Vias must be used in pairs with their distance minimized.
(2)
DS is the differential spacing of the SERDES_CLKN/P traces.
AC coupling capacitors are required on the SERDES_CLKN/P pair. Table 7-10 shows the requirements
for these capacitors.
Table 7-10. SERDES_CLKN/P AC Coupling Capacitors Requirements
PARAMETER
MIN
TYP
MAX
UNIT
SERDES_CLKN/P AC coupling capacitor value
1
10
12
nF
SERDES_CLKN/P AC coupling capacitor package size
0402
10
Mils(1)(2)
(1)
LxW, 10 mil units, i.e., a 0402 is a 40x20 mil surface mount capacitor.
(2)
The physical size of the capacitor should be as small as possible
7.3.3
CLKIN32 Input Clock
An external 32.768-kHz clock input can optionally be provided at the CLKIN32 pin to serve as a reference
clock in place of the RTCDIVIDER clock for the RTC and Timer modules. The CLKIN32 source must meet
the timing requirements shown in Table 7-11.
Table 7-11. Timing Requirements for CLKIN32(1)(2)
(see Figure 7-7)
NO.
MIN
NOM
MAX
UNIT
1
tc(CLKIN32)
Cycle time, CLKIN32
1/32768
s
2
tw(CLKIN32H)
Pulse duration, CLKIN32 high
0.45C
0.55C
ns
3
tw(CKIN32L)
Pulse duration, CLKIN32 low
0.45C
0.55C
ns
4
tt(CLKIN32)
Transition time, CLKIN32
7
ns
5
tJ(CLKIN32)
Period jitter, CLKIN32
0.02C
ns
(1)
The reference points for the rise and fall transitions are measured at V IL MAX and V IH MIN.
(2)
C = CLKIN32 cycle time, in ns. For example, when CLKIN32 frequency is 32768 Hz, use C = 1/32768 s.
Figure 7-7. CLKIN32 Timing
Copyright © 2010–2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
135
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com