Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 137 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 133Page - Texas Instruments AM3892 Datasheet HTML 134Page - Texas Instruments AM3892 Datasheet HTML 135Page - Texas Instruments AM3892 Datasheet HTML 136Page - Texas Instruments AM3892 Datasheet HTML 137Page - Texas Instruments AM3892 Datasheet HTML 138Page - Texas Instruments AM3892 Datasheet HTML 139Page - Texas Instruments AM3892 Datasheet HTML 140Page - Texas Instruments AM3892 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
from the main PLL output
•
H = 10 if M * FREQ is a multiple of 8; otherwise, H = 0
•
800 MHz
≤ PLL_CLKIN * N / P ≤ 1600 MHz
•
10 MHz
≤ PLL_CLKIN / P ≤ 60 MHz
Table 7-12. PLL Clock Frequencies
CLOCK
MIN CYCLE
MAX FREQUENCY
Main PLL
Clock1
985
987
Clock2
842
1152
Clock3
1847
532
Clock4
1991
494
DDR PLL
Clock 2
18447
54
Clock 3
2443
405
Video PLL
Clock 1
1485
660
Clock 2
1485
660
Clock 3
1485
660
Audio PLL
Clock 2
6290
158
Clock 3
5041
197
Clock 4
10000
100
Clock 5
10000
100
7.3.4.2
PLL Power Supply Filtering
The device PLLs are supplied externally via the VDDA_PLL power-supply pins. External filtering must be
added on the PLL supply pins to ensure that the requirements in Table 7-13 are met.
Table 7-13. Power Supply Requirements
PARAMETER
MIN
MAX
UNIT
Dynamic noise at VDDA_PLL pins
50
mV p-p
7.3.4.3
PLL Locking Sequence
All of the flying-adder PLLs (except the DDR PLL) come-up in bypass mode at reset. All of the registers
(P, N, FREQ, and M) need to be programmed appropriately and then wait approximately 8 µs for
PLL_Audio and 5 µs for the other PLLS to be locked. Verification that the PLL is locked can be checked
by accessing the lock status bit in the PLL control register for each PLL (bit = 1 when the PLL is locked).
Once the PLL is locked, then the FA-PLL can be taken out of bypass mode. Control for bypass mode is
through chip-level registers. For more details on the PLL registers and bypass logic, see the PLL chapter
of the AM38x Sitara ARM Microprocessors (MPUs) Technical Reference Manual (literature number
SPRUGX7).
7.3.4.4
PLL Registers
The PLL control registers reside in the control module and are listed in Table 4-3.
Copyright © 2010–2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
137
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com