Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 134 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 130Page - Texas Instruments AM3892 Datasheet HTML 131Page - Texas Instruments AM3892 Datasheet HTML 132Page - Texas Instruments AM3892 Datasheet HTML 133Page - Texas Instruments AM3892 Datasheet HTML 134Page - Texas Instruments AM3892 Datasheet HTML 135Page - Texas Instruments AM3892 Datasheet HTML 136Page - Texas Instruments AM3892 Datasheet HTML 137Page - Texas Instruments AM3892 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 299 page
background image
( )
s
M H z
2 7
B W
*
B W
*
*
2
1 0
*
1 0
Α
2 0
- S N R
p
=
DEV_CLKIN
2
3
4
4
5
1
1
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 7-6. DEV_CLKIN Clock Source Requirements(1)(2)(3)
(see Figure 7-6)
NO.
MIN
NOM
MAX
UNIT
1
tc(DCK)
Cycle time, DEV_CLKIN
37.037
ns
2
tw(DCKH)
Pulse duration, DEV_CLKIN high
0.45C
0.55C
ns
3
tw(DCKL)
Pulse duration, DEV_CLKIN low
0.45C
0.55C
ns
4
tt(DCK)
Transition time, DEV_CLKIN
7
ns
5
tJ(DCK)
Period jitter, DEV_CLKIN (VDACs not used)
150
ps
Period jitter, DEV_CLKIN (VDACs used)
A
s
Sf
Frequency stability, DEV_CLKIN
±50
ppm
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
C = DEV_CLKIN cycle time in ns.
(3)
Where SNR is the desired signal-to-noise ratio and BW is the highest DAC signal bandwidth used in the system (SD = 6 MHz,
720p/1080i = 30 MHz, 1080p = 60 MHz).
Figure 7-6. DEV_CLKIN Timing
7.3.2
SERDES_CLKN/P Input Clock
A high-quality, low-jitter differential clock source is required for the PCIe and SATA PHYs. The clock is
required to be AC coupled to the device's SERDES_CLKP and SERDES_CLKN pins according to the
specifications in Table 7-10. Both the clock source and the coupling capacitors should be placed
physically as close as possible to the processor.
When the PCIe interface is used, the SERDES_CLKN/P clock is required to meet the REFCLK AC
specifications outlined in the PCI Express Card Electromechanical Specification (Gen.1 and Gen.2). When
the SATA interface is used, the SERDES_CLKN/P clock is required to meet the specifications in
Table 7-7. When both the PCIe and SATA interfaces are used, both sets of specifications must be met
simultaneously.
Table 7-7. SERDES_CLKN/P Clock Source Requirements for SATA
PARAMETER
MIN
TYP
MAX
UNIT
Clock Frequency
100
MHz
Jitter
50
Ps pk-pk
Duty Cycle
40
60
%
Rise/Fall Time
700
ps
An HCSL differential clock source is required to meet the REFCLK AC specifications outlined in the PCI
Express Card Electromechanical Specification, Rev. 2.0, at the input to the AC coupling capacitors. In
addition, LVDS clock sources that are compliant to the above specification, but with the exceptions shown
in Table 7-8, are also acceptable.
134
Power, Reset, Clocking, and Interrupts
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com