Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 130 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 130 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 126Page - Texas Instruments AM3892 Datasheet HTML 127Page - Texas Instruments AM3892 Datasheet HTML 128Page - Texas Instruments AM3892 Datasheet HTML 129Page - Texas Instruments AM3892 Datasheet HTML 130Page - Texas Instruments AM3892 Datasheet HTML 131Page - Texas Instruments AM3892 Datasheet HTML 132Page - Texas Instruments AM3892 Datasheet HTML 133Page - Texas Instruments AM3892 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 299 page
background image
RESET STATE
DEV_CLKIN
POR
RESET
BTMODE[4:0]
Other I/O Pins
(A)
Power
Supplies
Ramping
Power Supplies Stable
Clock Source Stable
2
3
5
Config
5
Hi-Z
1
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 7-3. Timing Requirements for Reset (continued)
(see Figure 7-2 and Figure 7-3)
NO.
MIN
MAX
UNIT
3
th(CONFIG)
Hold time, boot and configuration pins valid after POR high or RESET
0
ns
high(2)
Table 7-4. Switching Characteristics Over Recommended Operating Conditions During Reset
(see Figure 7-2)
NO.
PARAMETER
MIN
MAX
UNIT
tw(RSTL)
Pulse width, RESET low
10C(1)
ns
4
td(RSTL_IORST)
Delay time, RESET falling to all IO entering their reset state
0
14
ns
5
td(RSTL_IOFUNC)
Delay time, RESET rising to IO exiting their reset state
0
14
ns
(1)
C = 1/DEV_CLKIN clock frequency, in ns.
A.
For more detailed information on the reset state of each pin, see Section 7.2.16, Pin Behaviors at Reset. For the
IPU/IPD settings during reset, see Section 3.2, Terminal Functions.
Figure 7-2. Power-Up Timing
130
Power, Reset, Clocking, and Interrupts
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com