Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 129Page - Texas Instruments AM3892 Datasheet HTML 130Page - Texas Instruments AM3892 Datasheet HTML 131Page - Texas Instruments AM3892 Datasheet HTML 132Page - Texas Instruments AM3892 Datasheet HTML 133Page - Texas Instruments AM3892 Datasheet HTML 134Page - Texas Instruments AM3892 Datasheet HTML 135Page - Texas Instruments AM3892 Datasheet HTML 136Page - Texas Instruments AM3892 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 299 page
background image
DEV_MXI/
DEV_CLKIN
DEV_MXO
C1
C2
Crystal
27 MHz
DEVOSC_VSS
1.8 V
DEVOSC_DVDD18
DEVOSC_VSS
R
(Optional)
d
)
C
(C
C
C
2
1
2
1
L
C
+
=
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Figure 7-5. 27-MHz System Oscillator
The load capacitors, C1 and C2 in Figure 7-5, should be chosen such that the equation below is satisfied.
CL in the equation is the load specified by the crystal manufacturer. Rd is an optional damping resistor. All
discrete components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator MXI, MXO, and VSS pins.
Table 7-5. Input Requirements for Crystal Circuit on the Device Oscillator
PARAMETER
MIN
NOM
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency of 27 MHz)
4
ms
Crystal Oscillation frequency
27
MHz
Parallel Load Capacitance (C1 and C2)
12
24
pF
Crystal ESR
60
Ohm
Crystal Shunt Capacitance
5
pF
Crystal Oscillation Mode
Fundamental Only
Crystal Frequency stability
±50
ppm
Copyright © 2010–2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
133
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com