Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 136 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 132Page - Texas Instruments AM3892 Datasheet HTML 133Page - Texas Instruments AM3892 Datasheet HTML 134Page - Texas Instruments AM3892 Datasheet HTML 135Page - Texas Instruments AM3892 Datasheet HTML 136Page - Texas Instruments AM3892 Datasheet HTML 137Page - Texas Instruments AM3892 Datasheet HTML 138Page - Texas Instruments AM3892 Datasheet HTML 139Page - Texas Instruments AM3892 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 299 page
background image
FREQ
Flying-Adder
Synthesizer
/M
/P
PFD
CP
VCO
/N
fr
fs
fo
K
fp
fvco
(
)
(
)
fr
*
M
*
P
*
FREQ
Κ
*
Ν
fo
ú
û
ù
ê
ë
é
=
Η
8
FREQ
*
M
*
A
N
*
8
*
PLL_CLKIN
10
*
P
*
FREQ)
*
Floor(M
6
-
-
÷
÷
ø
ö
ç
ç
è
æ
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
7.3.4
PLLs
The device contains four embedded PLLs (Main, Audio, Video and DDR) that provide clocks to different
parts of the system. For a high-level view of the device clock architecture, including the PLL reference
clock sources and connections, see Figure 7-4.
The reference clock for most of the PLLs comes from the DEV_CLKIN input clock. Also, each PLL
supports a bypass mode in which the reference clock can be directly passed to the PLL CLKOUT. All
device PLLs (except the DDR PLL) come-up in bypass mode after reset.
Flying-adder PLLs are used for all the on-chip PLLs. Figure 7-8 shows the basic structure of the
flying-adder PLL.
Figure 7-8. Flying-Adder PLL
The flying-adder PLL has two main components: a multi-phase PLL and the flying-adder synthesizer. The
multi-phase PLL takes an input reference clock (fr), multiplies it with factor, N, and provides a K-phase
output to the flying-adder synthesizer. The flying-adder synthesizer takes this multi-phase clock input and
produces a variable frequency clock (fs). There can be a post divider on this clock which takes in clock fs
and drives out clock fo. The frequency of the clock driven out is given by:
There can be multiple flying-adder synthesizers attached to one multi-phase PLL to generate different
frequencies. In this case, FREQ (4 bits of integer and 24 bits of fractional value) and M (1 to 255) values
can be adjusted for each clock separately, based on the frequency needed. A multi-phase PLL used in
this device has a value of K = 8.
For details on programming the device PLLs, see the PLL chapter of the AM38x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
7.3.4.1
PLL Programming Limits
When programming the PLLs, the result of the following equation must be greater than the value shown in
the corresponding PLL table (this determines if the chosen PLL frequency is a valid one).
Where:
•
PLL_CLKIN is the input clock frequency (in MHz) to the PLL before the P divider
•
Floor( ) = round down
•
M = PLL divider
•
FREQ = PLL frequency setting
•
A = 169 for all PLLs with the following exception: A = 218 for the audio PLL when its input is sourced
136
Power, Reset, Clocking, and Interrupts
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com