Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 138 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 138 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 134Page - Texas Instruments AM3892 Datasheet HTML 135Page - Texas Instruments AM3892 Datasheet HTML 136Page - Texas Instruments AM3892 Datasheet HTML 137Page - Texas Instruments AM3892 Datasheet HTML 138Page - Texas Instruments AM3892 Datasheet HTML 139Page - Texas Instruments AM3892 Datasheet HTML 140Page - Texas Instruments AM3892 Datasheet HTML 141Page - Texas Instruments AM3892 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
7.3.5
SYSCLKs
In some cases, the system clock inputs and PLL outputs are sent to the PRCM module for division and
multiplexing before being routed to the various device modules. These clock outputs from the PRCM
module are called SYSCLKs. Table 7-14 lists the main device SYSCLKs along with their maximum
supported clock frequencies. In addition, limits shown in the table may be further restricted by the clock
frequency limitations of the device modules using these clocks. Frequency data in this table is based on
device operation at 1.0 GHz for the ARM Cortex-A8. For more details on module clock frequency limits,
see Section 7.3.6.
Table 7-14. SYSCLK Frequencies
SYSCLK
FREQUENCY
DESTINATION
SYSCLK2
~1 GHz
To ARM Cortex-A8
SYSCLK4
~500 MHz
L3, OCP clock for HDVPSS, TPTCs, TPCC, DMM, Unicache clock for Media
Controller, EDMA
SYSCLK5
~250 MHz
L3, L4_HS, OCP clock for EMAC, SATA, PCIe, Media Controller, OCMC RAM
SYSCLK6
~125 MHz
L3, L4_STD, UART, I2C, SPI, SD/SDIO, TIMER, GPIO, PRCM, McASP, McBSP,
GPMC, ELM, HDMI, WDT, Mailbox, RTC, Spinlock, SmartReflex and USB.
SYSCLK8
800 MHz
DDR clock, DMM
SYSCLK23
Max 333 MHz
SGX530 OCP clock
SYSCLK24
125 MHz
GMII clock
138
Power, Reset, Clocking, and Interrupts
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com