Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 132 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 128Page - Texas Instruments AM3892 Datasheet HTML 129Page - Texas Instruments AM3892 Datasheet HTML 130Page - Texas Instruments AM3892 Datasheet HTML 131Page - Texas Instruments AM3892 Datasheet HTML 132Page - Texas Instruments AM3892 Datasheet HTML 133Page - Texas Instruments AM3892 Datasheet HTML 134Page - Texas Instruments AM3892 Datasheet HTML 135Page - Texas Instruments AM3892 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 299 page
background image
Main
PLL
Clocks
Audio
PLL
Clocks
DDR
PLL
Clocks
432 MHz
Video
PLL
Clocks
To DDR PHYs
To CEC, UART, etc.
To L3P, EMIF and DMM
DDR Clock4 (Spare)
DDR Clock5 (Spare)
HD, SD, TMDS Clocks
Audio Clock1
Audio Clock2
Audio Clock3
To ARM Cortex-A8
To L3, HDVPSS
To EMAC
To SGX530
(A)
To USB
27-MHz
XTAL
OSC 27
DEVCLKIN
PCIe SS
SATA SS
100-MHz
Differential Clock
To RTC
32.768-kHz
Clock
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
A.
SGX530 is available only on the AM3894 device.
Figure 7-4. System Clocking Overview
7.3.1
Device Clock Inputs
The device has four on-chip PLLs and two reference clocks which are generated by on-chip oscillators. In
addition to the 27-MHz reference clock, a 100-MHz differential clock input is required for SATA and PCIe.
A third clock input is an optional 32.768-kHz clock input (no on-chip oscillator) for the RTC.
The device clock input (DEV_MXI/DEV_CLKIN) is used to generate the majority of the internal reference
clocks. An external square-wave clock can be supplied to DEV_CLKIN instead of using a crystal input.
The device clock should be 27 MHz.
Section 7.3.1.1 provides details on using the on-chip oscillators with external crystals for the 27-MHz
system oscillator.
7.3.1.1
Using the Internal Oscillators
When the internal oscillators are used to generate the device clock, external crystals are required to be
connected across the MXI and MXO pins, along with two load capacitors, as shown in Figure 7-5. The
external crystal load capacitors should also be connected to the associated oscillator ground pin
(DEVOSC_VSS). The capacitors should not be connected to board ground (VSS).
132
Power, Reset, Clocking, and Interrupts
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com