Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 128 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 124Page - Texas Instruments AM3892 Datasheet HTML 125Page - Texas Instruments AM3892 Datasheet HTML 126Page - Texas Instruments AM3892 Datasheet HTML 127Page - Texas Instruments AM3892 Datasheet HTML 128Page - Texas Instruments AM3892 Datasheet HTML 129Page - Texas Instruments AM3892 Datasheet HTML 130Page - Texas Instruments AM3892 Datasheet HTML 131Page - Texas Instruments AM3892 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
7.2.9
Local Reset
The local reset for various modules within the device is controlled by programming the PRCM and/or the
module's internal registers. Only the associated module is reset when a local reset is asserted, leaving the
rest of the device unaffected.
For details on local reset, see the PRCM chapter of the AM38x Sitara ARM Microprocessors (MPUs)
Technical Reference Manual (literature number SPRUGX7) and individual subsystem and peripheral
user's guides.
7.2.10 Reset Priority
If any of the above reset sources occur simultaneously, the device only processes the highest-priority
reset request. The reset request priorities, from high to low, are as follows:
1. Power-on reset (POR)
2. Test reset (TRST)
3. External warm reset (RESET)
4. Emulation warm resets
5. Watchdog reset
6. Software global cold/warm resets.
7.2.11 Reset Status Register
The Reset Status Register (PRM_RSTST) contains information about the last reset that occurred in the
system. For more information on this register, see the PRCM chapter of the AM38x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
7.2.12 PCIe Reset Isolation
The device supports reset isolation for the PCI Express (PCIe) module. This means that the PCI Express
subsystem can be reset without resetting the rest of the device.
When the device is a PCI Express Root Complex (RC), the PCIe subsystem can be reset by software
through the PRCM. Software should ensure that there are no ongoing PCIe transactions before asserting
this reset by first taking the PCIe subsystem into the IDLE state by programming the register
CM_DEFAULT_PCI_CLKCTRL inside the PRCM. After bringing the PCIe subsystem out of reset, bus
enumeration should be performed again and should treat all endpoints (EP) as if they had just been
connected.
When the device is a PCI Express Endpoint (EP), the PCIe subsystem generates an interrupt when an
in-band reset is received. Software should process this interrupt by putting the PCIe subsystem in the
IDLE state and then asserting the PCIe local reset through the PRCM.
All device-level resets mentioned in the previous sections, except Test Reset, also reset the PCIe
subsystem. Therefore, the device should issue a Hot Reset to all downstream devices and re-enumerate
the bus upon coming out of reset.
7.2.13 RSTOUT
The RSTOUT pin on the device reflects device reset status. This output is always asserted when any of
the following resets occur:
•
Power-on reset (POR)
•
External warm reset
•
Emulation warm reset (RESET)
•
Software global cold/warm reset
•
Watchdog timer reset.
128
Power, Reset, Clocking, and Interrupts
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com