Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 13Page - Texas Instruments DAC3482 Datasheet HTML 14Page - Texas Instruments DAC3482 Datasheet HTML 15Page - Texas Instruments DAC3482 Datasheet HTML 16Page - Texas Instruments DAC3482 Datasheet HTML 17Page - Texas Instruments DAC3482 Datasheet HTML 18Page - Texas Instruments DAC3482 Datasheet HTML 19Page - Texas Instruments DAC3482 Datasheet HTML 20Page - Texas Instruments DAC3482 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
55
60
65
70
75
80
85
0
100
200
300
400
500
600
Output Frequency (MHz)
PLL Disabled
PLL Enabled
G025
55
60
65
70
75
80
85
0
100
200
300
400
500
600
Output Frequency (MHz)
PLL Disabled
PLL Enabled
G026
4x Interpolation, 0 dBFS
f
= 1228.8 MSPS
f
= 70 MHz
DAC
OUT
G027
4x Interpolation, 0 dBFS
f
= 1228.8 MSPS
f
= 120 MHz
DAC
OUT
G028
4x Interpolation, 0 dBFS
f
= 1228.8 MSPS
f
= 200 MHz
DAC
OUT
G029
4x Interpolation, 0 dBFS
f
= 1228.8 MSPS
f
= 70 MHz
DAC
OUT
G030
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, nominal supply voltage, fDAC = 1250 MSPS, 4x interpolation, NCO enabled, Mixer Gain disabled, QMC
enabled with gain set at 1446 for both I/Q channels, 0 dBFS digital input, 20 mA full-scale output current with 4:1 transformer
(unless otherwise noted)
Figure 25. Single Carrier WCDMA ACLR (Adjacent) vs
Figure 26. Single Carrier WCDMA ACLR (Alternate) vs
Output Frequency Over Clocking Options
Output Frequency Over Clocking Options
Figure 27. Single Carrier W-CDMA Test Model 1
Figure 28. Single Carrier W-CDMA Test Model 1
Figure 29. Single Carrier W-CDMA Test Model 1
Figure 30. Four Carrier W-CDMA Test Model 1
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com