Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 67 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 63Page - Texas Instruments DAC3482 Datasheet HTML 64Page - Texas Instruments DAC3482 Datasheet HTML 65Page - Texas Instruments DAC3482 Datasheet HTML 66Page - Texas Instruments DAC3482 Datasheet HTML 67Page - Texas Instruments DAC3482 Datasheet HTML 68Page - Texas Instruments DAC3482 Datasheet HTML 69Page - Texas Instruments DAC3482 Datasheet HTML 70Page - Texas Instruments DAC3482 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 79 page
background image
GND
CLKVDD
Internal
Digital In
DACCLKN
OSTRN
S0515-01
DACCLKP
OSTRP
SLEEP
250
250
2 k
2 k
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
Table 10. Example Start-Up Sequence Description (continued)
STEP
READ/WRITE
ADDRESS
VALUE
DESCRIPTION
Sync all the QMC blocks using sif_sync. These blocks can also be synced
29
Write
0x1F
0x4142
via auto-sync through appropriate register writes.
30
Write
0x00
0xA19A
Disable clock divider sync.
Disable FIFO data formatter sync. Set sif_sync to
“0” for the next sif_sync
31
Write
0x1F
0x4148
event.
32
Write
0x20
0x0000
Disable FIFO input and output pointer sync.
33
Write
0x18
0x2458
Disable PLL N-dividers sync.
34
N/A
N/A
N/A
Set TXENABLE high. Enable data transmission.
LVPECL INPUTS
Figure 80 shows an equivalent circuit for the DAC input clock (DACCLKP/N) and the output strobe clock
(OSTRP/N).
Figure 80. DACCLKP/N and OSTRP/N Equivalent Input Circuit
Figure 81 shows the preferred configuration for driving the CLKIN/CLKINC input clock with a differential
ECL/PECL source.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com