Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 4 Page - Texas Instruments

  DAC3482 Datasheet HTML 1Page - Texas Instruments DAC3482 Datasheet HTML 2Page - Texas Instruments DAC3482 Datasheet HTML 3Page - Texas Instruments DAC3482 Datasheet HTML 4Page - Texas Instruments DAC3482 Datasheet HTML 5Page - Texas Instruments DAC3482 Datasheet HTML 6Page - Texas Instruments DAC3482 Datasheet HTML 7Page - Texas Instruments DAC3482 Datasheet HTML 8Page - Texas Instruments DAC3482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
LVDS positive input data bits 0 through 15. Internal 100
Ω termination resistor. Data format relative to
A7, A8, B9,
DATACLKP/N clock is Double Data Rate (DDR) and can be transferred in either byte-wide or
B10, A12,
word-wide mode. In byte-wide mode the unused pins can be left unconnected.
A13, A14,
A15, B17,
D15P is most significant data bit (MSB) in word-wide mode
D[15..0]P
I
B18, B19,
D7P is most significant data bit (MSB) in byte-wide mode
B20, A23,
D0P is least significant data bit (LSB)
A24, B23,
B24
The order of the bus can be reversed via config2 revbus bit.
B7, B8, A10,
A11, B11,
B12, B13,
B14, A19,
D[15..0]N
I
LVDS negative input data bits 0 through 15. (See D[15:0]P description above)
A20, A21,
A22, B21,
B22, A26,
A27
DACCLKP
A3
I
Positive external LVPECL clock input for DAC core with a self-bias.
DACCLKN
B3
I
Complementary external LVPECL clock input for DAC core. (see the DACCLKP description)
A35, A39,
DAC core supply voltage. (1.2 V). It is recommended to isolate this supply from CLKVDD and
DACVDD
I
A43
DIGVDD.
LVDS positive input data clock. Internal 100
Ω termination resistor. Input data D[15:0]P/N is latched
DATACLKP
A16
I
on both edges of DATACLKP/N (Double Data Rate).
DATACLKN
B15
I
LVDS negative input data clock. (See DATACLKP description)
A6, A9, A25,
DIGVDD
I
Digital supply voltage. (1.2 V). It is recommended to isolate this supply from CLKVDD and DACVDD.
A28
Used as external reference input when internal reference is disabled through config27 extref_ena =
EXTIO
A34
I/O
‘1’. Used as internal reference output when config27 extref_ena = ‘0’ (default). Requires a 0.1 μF
decoupling capacitor to AGND when used as reference output.
LVDS frame indicator positive input. Internal 100
Ω termination resistor. The main functions of this
input are to reset the FIFO or to be used as a syncing source. These two functions are captured with
FRAMEP
B16
I
the rising edge of DATACLKP/N. The signal captured by the falling edge of DATACLKP/N can be
used as a block parity bit. The FRAMEP/N signal should be edge-aligned with D[15:0]P/N.
FRAMEN
A18
I
LVDS frame indicator negative input. (See the FRAMEP description)
C1, C2, C3,
C4, B32,
GND
B33, B38,
I
These pins are ground for all supplies.
B39, Thermal
Pad
IOUTIP
B36
O
I-Channel DAC current output. Connect directly to ground if unused.
IOUTIN
B37
O
I-Channel DAC complementary current output. Connect directly to ground if unused.
IOUTQP
B35
O
Q-Channel DAC current output. Connect directly to ground if unused.
IOUTQN
B34
O
Q-Channel DAC complementary current output. Connect directly to ground if unused.
IOVDD
B6, A17, B25
I
Supply voltage for all digital I/O. (3.3 V)
LPF
A1
I/O
PLL loop filter connection. If not using the clock multiplying PLL, the LPF pin can be left unconnected.
LVPECL output strobe positive input. This positive/negative pair is captured with the rising edge of
OSTRP
A2
I
DACCLKP/N. It is used to sync the divided-down clocks and FIFO output pointer in Dual Sync
Sources Mode. If unused it can be left unconnected.
OSTRN
B2
I
LVPECL output strobe negative input. (See the OSTRP description)
Optional LVDS positive input parity bit. The PARITYP/N LVDS pair has an internal 100
Ω termination
PARITYP
B26
I
resistor. If unused it can be left unconnected.
PARITYN
A29
I
Optional LVDS negative input parity bit.
PLLAVDD
B1
I
PLL analog supply voltage. (3.3 V)
SCLK
A31
I
Serial interface clock. Internal pull-down.
SDENB
B28
I
Active low serial data enable, always an input to the DAC3482. Internal pull-up.
Serial interface data. Bi-directional in 3-pin mode (default) and uni-directional in 4-pin mode. Internal
SDIO
A30
I/O
pull-down.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com