Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 59 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 55Page - Texas Instruments DAC3482 Datasheet HTML 56Page - Texas Instruments DAC3482 Datasheet HTML 57Page - Texas Instruments DAC3482 Datasheet HTML 58Page - Texas Instruments DAC3482 Datasheet HTML 59Page - Texas Instruments DAC3482 Datasheet HTML 60Page - Texas Instruments DAC3482 Datasheet HTML 61Page - Texas Instruments DAC3482 Datasheet HTML 62Page - Texas Instruments DAC3482 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
I Data In
Q Data In
I Data Out
Q Data Out
13
13
16
16
16
16
qmc_offsetI
{–4096, –4095, ..., 4095}
qmc_offsetQ
{–4096, –4095, ..., 4095}
B0165-02
Σ
Σ
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
Figure 75. Digital Offset Block Diagram
GROUP DELAY CORRECTION
A complex transmitter system typically is consisted of a DAC, reconstruction filter network, and I/Q modulator.
Besides the gain and phase mismatch contribution, there could also be timing mismatch contribution from each
components. For instance, the timing mismatch could come from the PCB trace length variation between the I
and Q channels and the group delay variation from the reconstruction filter.
This timing mismatch in the complex transmitter system creates phase mismatch that varies linearly with respect
to frequency. To compensate for the I/Q imbalances due to this mismatch, the DAC3482 has group delay
correction block for each DAC channel. Each DAC channel can adjust its delay through grp_delayI(7:0) and
grp_delayq(7:0) in register config46 and config47, respectively. The maximum delay ranges from 30ps to 100ps
and is dependent on DAC sample clock. Contact TI for specific application information. The group delay
correction, along with gain/phase correction, can be useful for correcting imbalances in wide-band transmitter
system.
TEMPERATURE SENSOR
The DAC3482 incorporates a temperature sensor block which monitors the temperature by measuring the
voltage across 2 transistors. The voltage is converted to an 8-bit digital word using a successive-approximation
(SAR) analog to digital conversion process. The result is scaled, limited and formatted as a twos complement
value representing the temperature in degrees Celsius.
The sampling is controlled by the serial interface signals SDENB and SCLK. If the temperature sensor is enabled
(tsense_sleep = 0 in register config26) a conversion takes place each time the serial port is written or read. The
data is only read and sent out by the digital block when the temperature sensor is read in tempdata(7:0) in
config6. The conversion uses the first eight clocks of the serial clock as the capture and conversion clock, the
data is valid on the falling eighth SCLK. The data is then clocked out of the chip on the rising edge of the ninth
SCLK. No other clocks to the chip are necessary for the temperature sensor operation. As a result the
temperature sensor is enabled even when the device is in sleep mode.
In order for the process described above to operate properly, the serial port read from config6 must be done with
an SCLK period of at least 1
μs. If this is not satisfied the temperature sensor accuracy is greatly reduced.
DATA PATTERN CHECKER
The DAC3482 incorporates a simple pattern checker test in order to determine errors in the data interface. The
main cause of failures is setup/hold timing issues. The test mode is enabled by asserting iotest_ena in register
config1. In test mode the analog outputs are deactivated regardless of the state of TXENABLE or sif_texnable in
register config3.
The data pattern key used for the test is 8 words long and is specified by the contents of iotest_pattern[0:7] in
registers config37 through config44. The data pattern key can be modified by changing the contents of these
registers.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com