Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 65 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 61Page - Texas Instruments DAC3482 Datasheet HTML 62Page - Texas Instruments DAC3482 Datasheet HTML 63Page - Texas Instruments DAC3482 Datasheet HTML 64Page - Texas Instruments DAC3482 Datasheet HTML 65Page - Texas Instruments DAC3482 Datasheet HTML 66Page - Texas Instruments DAC3482 Datasheet HTML 67Page - Texas Instruments DAC3482 Datasheet HTML 68Page - Texas Instruments DAC3482 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
(c) For multi-DAC synchronization in PLL mode, the LVDS SYNCP/N signal is used to sync the PLL
N-divider and can be sourced from either the FPGA/ASIC pattern generator or clock distribution circuit as
long as the t(SYNC_PLL) setup and hold timing requirement is met with respect to the reference clock
source at DACCLKP/N pins. The LVDS SYNCP/N signal can be provided at this point.
11. FIFO and clock divider configurations after all the sync signals have provided the initial sync pulses needed
for synchronization:
(a) For Single Sync Source Mode where the clock divider sync source is either FRAMEP/N or SYNCP/N,
clock divider syncing may be disabled after DAC3482 initialization and before the data transmission by
setting clkdiv_sync_ena (config0, bit 2) to
“0”. This is to prevent accidental syncing of the clock divider or
when sending FRAMEP/N or SYNCP/N pulse to other digital blocks.
(b) For Dual Sync Sources Mode, where the clock divider sync source is from the OSTR signal (either from
external OSTRP/N or internal PLL N divider output), the clock divider syncing may be enabled at all time.
(c) Optionally, to prevent accidental syncing of the FIFO and FIFO data formatter when sending the
FRAMEP/N or SYNCP/N pulse to other digital blocks such as NCO, QMC, etc, disable FIFO syncing by
setting syncsel_fifoin(3:0) and syncsel_fifoout(3:0) to
“0000” after the FIFO input and output pointers are
initialized. Also Disable the FIFO data formatter by setting syncsel_dataformatter(1:0) to
“10” or “11”. If
the FIFO and FIFO data formatter sync remain enabled after initialization, the FRAMEP/N or SYNCP/N
pulse must occur in ways to not disturb the FIFO operation. Refer to the INPUT FIFO section for detail.
(d) Disable PLL N-divider syncing by setting pll_ndivsync_ena (config24, bit
<11>) to "0".
12. Enable transmit of data by asserting the TXENABLE pin or set sif_txenable to
“1”.
13. At any time, if any of the clocks (i.e DATACLK or DACCLK) is lost or a FIFO collision alarm is detected, a
complete resynchronization of the DAC is necessary. Set TXENABLE low and repeat steps 8 through 12.
Program the FIFO configuration and clock divider configuration per steps 8 and 9 appropriately to accept the
new sync pulse or pulses for the synchronization.
EXAMPLE START-UP ROUTINE
DEVICE CONFIGURATION
fDATA = 614.4MSPS, 16-bit word wide interface
Interpolation = 2x
Input data = baseband data
fOUT = 122.88MHz
PLL = Enabled
Full Mixer = Enabled
Dual Sync Sources Mode
PLL CONFIGURATION
fREFCLK = 614.4MHz at the DACCLKP/N LVPECL pins
fDACCLK = fDATA x Interpolation = 1228.8MHz
fVCO = 3 x fDACCLK = 3686.4MHz (keep fVCO between 3.3GHz to 4GHz)
PFD = fOSTR = 38.4MHz
N = 16, M = 32, P = 3, single charge pump
pll_vco(5:0) =
“100100” (36)
NCO CONFIGURATION
fNCO = 122.88MHz
fNCO_CLK = 1228.8MHz
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com