Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 14Page - Texas Instruments DAC3482 Datasheet HTML 15Page - Texas Instruments DAC3482 Datasheet HTML 16Page - Texas Instruments DAC3482 Datasheet HTML 17Page - Texas Instruments DAC3482 Datasheet HTML 18Page - Texas Instruments DAC3482 Datasheet HTML 19Page - Texas Instruments DAC3482 Datasheet HTML 20Page - Texas Instruments DAC3482 Datasheet HTML 21Page - Texas Instruments DAC3482 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
4x Interpolation, 0 dBFS
f
= 1228.8 MSPS
f
= 120 MHz
DAC
OUT
G031
4x Interpolation, 0 dBFS
f
= 1228.8 MSPS
f
= 200 MHz
DAC
OUT
G032
4x Interpolation, 0 dBFS
f
= 1228.8 MSPS
f
= 140 MHz
DAC
OUT
G033
4x Interpolation, 0 dBFS
f
= 1228.8 MSPS
f
= 240 MHz
DAC
OUT
G034
4x Interpolation, 0 dBFS
f
= 1228.8 MSPS
f
= 140 MHz
DAC
OUT
G035
4x Interpolation, 0 dBFS
f
= 1228.8 MSPS
f
= 240 MHz
DAC
OUT
G036
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, nominal supply voltage, fDAC = 1250 MSPS, 4x interpolation, NCO enabled, Mixer Gain disabled, QMC
enabled with gain set at 1446 for both I/Q channels, 0 dBFS digital input, 20 mA full-scale output current with 4:1 transformer
(unless otherwise noted)
Figure 31. Four Carrier W-CDMA Test Model 1
Figure 32. Four Carrier W-CDMA Test Model 1
Figure 33. 10 MHz Single Carrier LTE Test Model 3.1
Figure 34. 10 MHz Single Carrier LTE Test Model 3.1
Figure 35. 20 MHz Single Carrier LTE Test Model 3.1
Figure 36. 20 MHz Single Carrier LTE Test Model 3.1
18
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com