Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 39Page - Texas Instruments DAC3482 Datasheet HTML 40Page - Texas Instruments DAC3482 Datasheet HTML 41Page - Texas Instruments DAC3482 Datasheet HTML 42Page - Texas Instruments DAC3482 Datasheet HTML 43Page - Texas Instruments DAC3482 Datasheet HTML 44Page - Texas Instruments DAC3482 Datasheet HTML 45Page - Texas Instruments DAC3482 Datasheet HTML 46Page - Texas Instruments DAC3482 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
FIFO Reset
Frame Align
DATA
FIFO I Output
Clock Handoff
32-Bit
32-Bit
I-Data, 16-Bit
Q-Data, 16-Bit
16-Bit
16-Bit
Write Pointer Reset
Read Pointer Reset
FIFO Q Output
OSTR
B0451-01
syncsel_fifoin
syncsel_fifoout
S
M
fifo_offset(2:0)
FRAME/
SYNC
Input Side
Clocked by DATACLK
S (Single Sync Source Mode): Reset handoff from
input side to output side
M (Dual Sync Source Mode): OSTR resets read
pointer. Allows Multi-DAC synchronization
Initial
Position
Initial
Position
FIFO:
2 x 16-Bits Wide
8-Samples deep
Output Side
Clocked by FIFO Out Clock
Word Wide Mode: DACCLK/2/Interpolation Factor
Byte Wide Mode: DACCLK/Interpolation Factor
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
Sample 0
I [15:0], Q [15:0]
0
0
Sample 1
I [15:0], Q [15:0]
1
1
Sample 2
I [15:0], Q [15:0]
2
2
Sample 3
I [15:0], Q [15:0]
3
3
Sample 4
I [15:0], Q [15:0]
4
4
Sample 5
I [15:0], Q [15:0]
5
5
Sample 6
I [15:0], Q [15:0]
6
6
Sample 7
I [15:0], Q [15:0]
7
7
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
Figure 51. DAC3482 FIFO Block Diagram
Data is written to the device on the rising and falling edges of DATACLK. Each 32-bit wide sample (16-bit I-data
and 16-bit Q-data) is written into the FIFO at the address indicated by the write pointer. Similarly, data from the
FIFO is read by the FIFO Out Clock 32-bits at a time from the address indicated by the read pointer. The FIFO
Out Clock is generated internally from the DACCLK signal. Its rate is equal to DACCLK/2/Interpolation for
word-wide data transmission, or DACCLK/Interpolation for byte-wide data transmission. Each time a FIFO write
or FIFO read is done the corresponding pointer moves to the next address.
The reset position for the FIFO read and write pointers is set by default to addresses 0 and 4 as shown in
Figure 51. This offset gives optimal margin within the FIFO. The default read pointer location can be set to
another value using fifo_offset(2:0) in register config3 (address 4 by default). Under normal conditions data is
written-to and read-from the FIFO at the same rate and consequently the write and read pointer gap remains
constant. If the FIFO write and read rates are different, the corresponding pointers will be cycling at different
speeds which could result in pointer collision. Under this condition the FIFO attempts to read and write data from
the same address at the same time which will result in errors and thus must be avoided.
The write pointer sync source is selected by syncsel_fifoin(3:0) in register config32. In most applications either
FRAME or SYNC is used to reset the write pointer. Unlike DATA, the sync signal is latched only on the rising
edges of DATACLK. A rising edge on the sync signal source causes the pointer to return to its original position.
Similarly, the read pointer sync source is selected by syncsel_fifoout(3:0). The write pointer sync source can be
set to reset the read pointer as well. In this case, the FIFO Out clock will recapture the write pointer sync signal
to reset the read pointer. This clock domain transfer (DATACLK to FIFO Out Clock) results in phase ambiguity of
the reset signal. This limits the precise control of the output timing and makes full synchronization of multiple
devices difficult.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com