Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 38 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 34Page - Texas Instruments DAC3482 Datasheet HTML 35Page - Texas Instruments DAC3482 Datasheet HTML 36Page - Texas Instruments DAC3482 Datasheet HTML 37Page - Texas Instruments DAC3482 Datasheet HTML 38Page - Texas Instruments DAC3482 Datasheet HTML 39Page - Texas Instruments DAC3482 Datasheet HTML 40Page - Texas Instruments DAC3482 Datasheet HTML 41Page - Texas Instruments DAC3482 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
Register name: config34
– Address: 0x22, Default: 0x1B1B
Register
Default
Address
Bit
Name
Function
Value
Name
config34
0x22
15:14
Reserved
Reserved for factory use.
00
13:12
Reserved
Reserved for factory use.
01
11:10
Reserved
Reserved for factory use.
10
9:8
Reserved
Reserved for factory use.
11
7:6
Reserved
Reserved for factory use.
00
5:4
Reserved
Reserved for factory use.
01
3:2
Reserved
Reserved for factory use.
10
1:0
Reserved
Reserved for factory use.
11
Register name: config35
– Address: 0x23, Default: 0xFFFF
Register
Default
Address
Bit
Name
Function
Value
Name
config35
0x23
15:0
sleep_cntl(15:0)
Controls the routing of the CMOS SLEEP signal (pin B40) to different blocks. When a
0xFFFF
bit is set, the SLEEP signal will be sent to the corresponding block. These bits do not
override the SIF bits in register config26.
sleep_cntl(bit)
Function
15
reserved
14
DACI sleep
13
DACQ sleep
12
reserved
11
Clock receiver sleep
10
PLL sleep
9
LVDS data sleep
8
LVDS control sleep
7
Temp sensor sleep
6
reserved
5
Bias amplifier sleep
All others
not used
Register name: config36
– Address: 0x24, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config36
0x24
15:13
datadly(2:0)
Controls the delay of the data inputs through the LVDS receivers. Each LSB adds
000
approximately 40 ps
MM 0: Minimum
12:10
clkdly(2:0)
Controls the delay of the data clock through the LVDS receivers. Each LSB adds
000
approximately 40 ps
MM 0: Minimum
9:0
Reserved
Reserved for factory use.
0x000
Register name: config37
– Address: 0x25, Default: 0x7A7A
Register
Default
Address
Bit
Name
Function
Value
Name
config37
0x25
15:0
iotest_pattern0
Dataword0 in the IO test pattern. It is used with the seven other words to test the input data.
0x7A7A
At the start of the IO test pattern, this word should be aligned with rising edge of FRAME or
SYNC signal to indicate sample 0.
Register name: config38
– Address: 0x26, Default: 0xB6B6
Register
Default
Address
Bit
Name
Function
Value
Name
config38
0x26
15:0
iotest_pattern1
Dataword1 in the IO test pattern. It is used with the seven other words to test the input data.
0xB6B6
38
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com