Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 48Page - Texas Instruments DAC3482 Datasheet HTML 49Page - Texas Instruments DAC3482 Datasheet HTML 50Page - Texas Instruments DAC3482 Datasheet HTML 51Page - Texas Instruments DAC3482 Datasheet HTML 52Page - Texas Instruments DAC3482 Datasheet HTML 53Page - Texas Instruments DAC3482 Datasheet HTML 54Page - Texas Instruments DAC3482 Datasheet HTML 55Page - Texas Instruments DAC3482 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
–160
–140
–120
–100
–80
–60
–40
–20
0
20
f/f
IN
G048
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
–160
–140
–120
–100
–80
–60
–40
–20
0
20
f/f
IN
G049
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
–160
–140
–120
–100
–80
–60
–40
–20
0
20
f/f
IN
G050
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
–160
–140
–120
–100
–80
–60
–40
–20
0
20
f/f
IN
G051
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
The inverse sinc filter has a gain
> 1 at all frequencies. Therefore, the signal input to FIR4 must be reduced from
full scale to prevent saturation in the filter. The amount of back-off required depends on the signal frequency, and
is set such that at the signal frequencies the combination of the input signal and filter response is less than 1 (0
dB). For example, if the signal input to FIR4 is at 0.25 x fDAC, the response of FIR4 is 0.9 dB, and the signal must
be backed off from full scale by 0.9 dB to avoid saturation. The gain function in the QMC blocks can be used to
reduce the amplitude of the input signal. The advantage of FIR4 having a positive gain at all frequencies is that
the user is then able to optimize the back-off of the signal based on its frequency.
The filter taps for all digital filters are listed in Table 4. Note that the loss of signal amplitude may result in lower
SNR due to decrease in signal amplitude.
SPACER
Figure 61. Magnitude Spectrum for FIR0
Figure 62. Magnitude Spectrum for FIR1
SPACER
SPACER
Figure 63. Magnitude Spectrum for FIR2
Figure 64. Magnitude Spectrum for FIR3
SPACER
SPACER
52
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com