Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 71 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 67Page - Texas Instruments DAC3482 Datasheet HTML 68Page - Texas Instruments DAC3482 Datasheet HTML 69Page - Texas Instruments DAC3482 Datasheet HTML 70Page - Texas Instruments DAC3482 Datasheet HTML 71Page - Texas Instruments DAC3482 Datasheet HTML 72Page - Texas Instruments DAC3482 Datasheet HTML 73Page - Texas Instruments DAC3482 Datasheet HTML 74Page - Texas Instruments DAC3482 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
IOUTP
1:1
IOUTN
AGND
50 Ω
R
50 Ω
LOAD
50 Ω
100 Ω
S0517-01
IOUTP
4:1
IOUTN
AGND
100 Ω
R
50 Ω
LOAD
100 Ω
S0518-01
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
Figure 85. Driving a Doubly Terminated 50
Ω Cable Using a 1:1 Impedance Ratio Transformer
Figure 86. Driving a Doubly Terminated 50
Ω Cable Using a 4:1 Impedance Ratio Transformer
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com