Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 69 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 65Page - Texas Instruments DAC3482 Datasheet HTML 66Page - Texas Instruments DAC3482 Datasheet HTML 67Page - Texas Instruments DAC3482 Datasheet HTML 68Page - Texas Instruments DAC3482 Datasheet HTML 69Page - Texas Instruments DAC3482 Datasheet HTML 70Page - Texas Instruments DAC3482 Datasheet HTML 71Page - Texas Instruments DAC3482 Datasheet HTML 72Page - Texas Instruments DAC3482 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 79 page
background image
SDIO
SCLK
SLEEP
TXENABLE
Internal
Digital In
GND
400
400
100 k
100 k
GND
IOVDD
IOVDD
SDENB
RESETB
Internal
Digital In
S0027-03
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
Table 11. Example LVDS Data Input Levels
Resulting Differential
Resulting Common-Mode
Applied Voltages
Logical Bit Binary
Voltage
Voltage
Equivalent
VA
VB
VA,B
VCOM
1.4 V
1.0 V
400 mV
1.2 V
1
1.0 V
1.4 V
-400 mV
0
1.2 V
0.8 V
400 mV
1.0 V
1
0.8 V
1.2 V
-400 mV
0
CMOS DIGITAL INPUTS
Figure 84 shows a schematic of the equivalent CMOS digital inputs of the DAC3482. SDIO, SCLK, SLEEP and
TXENABLE have pull-down resistors while SDENB and RESETB have pull-up resistors internal to the DAC3482.
See the specification table for logic thresholds. The pull-up and pull-down circuitry is approximately equivalent to
100k
Ω.
Figure 84. CMOS Digital Equivalent Input
REFERENCE OPERATION
The DAC3482 uses a bandgap reference and control amplifier for biasing the full-scale output current. The
full-scale output current is set by applying an external resistor RBIAS to pin BIASJ. The bias current IBIAS through
resistor RBIAS is defined by the on-chip bandgap reference voltage and control amplifier. The default full-scale
output current equals 64 times this bias current and can thus be expressed as:
IOUTFS = 64 x IBIAS = 64 x (VEXTIO / RBIAS ) / 2
The DAC3482 has a 4-bit coarse gain control coarse_dac(3:0) in the config3 register. Using gain control, the
IOUTFS can be expressed as:
IOUTFS = (coarse_dac + 1)/16 x IBIAS x 64 = (coarse_dac + 1)/16 x (VEXTIO / RBIAS) / 2 x 64
where VEXTIO is the voltage at terminal EXTIO. The bandgap reference voltage delivers an accurate voltage of
1.2V. This reference is active when extref_ena =
‘0’ in config27. An external decoupling capacitor CEXT of 0.1 µF
should be connected externally to terminal EXTIO for compensation. The bandgap reference can additionally be
used for external reference operation. In that case, an external buffer with high impedance input should be
applied in order to limit the bandgap load current to a maximum of 100 nA. The internal reference can be
disabled and overridden by an external reference by setting the extref_ena control bit. Capacitor CEXT may hence
be omitted. Terminal EXTIO thus serves as either input or output node.
The full-scale output current can be adjusted from 30 mA down to 10 mA by varying resistor RBIAS, programming
coarse_dac(3:0), or changing the externally applied reference voltage.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com