Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 33Page - Texas Instruments DAC3482 Datasheet HTML 34Page - Texas Instruments DAC3482 Datasheet HTML 35Page - Texas Instruments DAC3482 Datasheet HTML 36Page - Texas Instruments DAC3482 Datasheet HTML 37Page - Texas Instruments DAC3482 Datasheet HTML 38Page - Texas Instruments DAC3482 Datasheet HTML 39Page - Texas Instruments DAC3482 Datasheet HTML 40Page - Texas Instruments DAC3482 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
Register name: config31
– Address: 0x1F, Default: 0x1140
Register
Default
Address
Bit
Name
Function
Value
Name
config31
0x1F
15:12
syncsel_mixer(3:0)
Selects the syncing source(s) of the double buffered mixer registers. A
‘1’ in the
0001
bit enables the signal as a sync source. More than one sync source is permitted.
MM Bit 15: sif_sync (via config31)
MM Bit 14: SYNC
MM Bit 13: OSTR
MM Bit 12: Auto-sync from register write
11:8
Reserved
Reserved for factory use.
0001
7:4
syncsel_nco(3:0)
Selects the syncing source(s) of the two NCO accumulators. A
‘1’ in the bit
0100
enables the signal as a sync source. More than one sync source is permitted.
MM Bit 7: sif_sync (via config31)
MM Bit 6: SYNC
MM Bit 5: OSTR
MM Bit 4: FRAME
3:2
syncsel_dataformatter
Selects the syncing source of the data formatter. Unlike the other syncs only
00
one sync source is allowed.
MM 00: FRAME
MM 01: SYNC
MM 10: No sync
MM 11: No sync
1
sif_sync
SIF created sync signal. Set to
‘1’ to cause a sync and then clear to ‘0’ to
0
remove it.
0
Reserved
Reserved for factory use.
0
Register name: config32
– Address: 0x20, Default: 0x2400
Register
Default
Address
Bit
Name
Function
Value
Name
config32
0x20
15:12
syncsel_fifoin(3:0)
Selects the syncing source(s) of the FIFO input side. A
‘1’ in the bit enables the
0010
signal as a sync source. More than one sync source is permitted.
MM Bit 15: sif_sync (via config31)
MM Bit 14: Always zero
MM Bit 13: FRAME
MM Bit 12: SYNC
11:8
syncsel_fifoout(3:0)
Selects the syncing source(s) of the FIFO output side. A
‘1’ in the bit enables the
0100
signal as a sync source. More than one sync source is permitted.
MM Bit 11: sif_sync (via config31)
MM Bit 10: OSTR
– Dual Sync Sources Mode
MM Bit 9: FRAME
– Single Sync Source mode
MM Bit 8: SYNC
– Single Sync Source mode
7:1
Reserved
Reserved for factory use.
0000
0
clkdiv_sync_sel
Selects the signal source for clock divider synchronization.
0
clkdiv_sync_sel
Sync Source
0
OSTR
1
FRAME or SYNC, based on syncsel_fifoin source
selection (config32, bit
<15:12>)
Register name: config33
– Address: 0x21, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config33
0x21
15:0
Reserved
Reserved for factory use.
0x0000
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com