Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 64 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 60Page - Texas Instruments DAC3482 Datasheet HTML 61Page - Texas Instruments DAC3482 Datasheet HTML 62Page - Texas Instruments DAC3482 Datasheet HTML 63Page - Texas Instruments DAC3482 Datasheet HTML 64Page - Texas Instruments DAC3482 Datasheet HTML 65Page - Texas Instruments DAC3482 Datasheet HTML 66Page - Texas Instruments DAC3482 Datasheet HTML 67Page - Texas Instruments DAC3482 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
Parity alarms
•
alarm_rparity. Occurs when there is a parity error in the data captured by the rising edge of DATACLKP/N.
The PARITYP/N input is the parity bit (word-by-word parity test).
•
alarm_fparity. Occurs when there is a parity error in the data captured by the falling edge of DATACLKP/N.
The PARITYP/N input is the parity bit (word-by-word parity test).
•
alarm_frame_parity_err. Occurs when there is a frame parity error when using the FRAME as the parity bit
(block parity test).
To prevent unexpected DAC outputs from propagating into the transmit channel chain, the clock and alarm_
fifo_collision alarms can be set in config2 to shut-off the DAC output automatically regardless of the state of
TXENABLE or sif_txenable.
Alarm monitoring is implemented as follows:
•
Power up the device using the recommended power-up sequence.
•
Clear all the alarms in config5 by setting them to 0.
•
Unmask those alarms that will generate a hardware interrupt through the ALARM pin in config7.
•
Enable automatic DAC shut-off in register config2 if required.
•
In the case of an alarm event, the ALARM pin will trigger. If automatic DAC shut-off has been enabled the
DAC outputs will be disabled.
•
Read registers config5 to determine which alarm triggered the ALARM pin.
•
Correct the error condition and re-synchronize the FIFO.
•
Clear the alarms in config5.
•
Re-read config5 to ensure the alarm event has been corrected.
•
Keep clearing and reading config5 until no error is reported.
POWER-UP SEQUENCE
The following startup sequence is recommended to power-up the DAC3482:
1. Set TXENABLE low
2. Supply all 1.2V voltages (DACVDD, DIGVDD, CLKVDD and VFUSE) and all 3.3V voltages (AVDD, IOVDD,
and PLLAVDD). The 1.2V and 3.3V supplies can be powered up simultaneously or in any order. There are
no specific requirements on the ramp rate for the supplies.
3. Provide all LVPECL inputs: DACCLKP/N and the optional OSTRP/N. These inputs can also be provided after
the SIF register programming.
4. Toggle the RESETB pin for a minimum 25 ns active low pulse width.
5. Program the SIF registers.
6. Program config1, bit
<8> = "0" and config16, bit <13:12> = "11".
7. Program fuse_sleep (config 27, Bit
<11> ) to put internal fuses to sleep.
8. FIFO configuration needed for synchronization:
(a) Program syncsel_fifoin(3:0) (config32, bit
<15:12>) to select the FIFO input pointer sync source.
(b) Program syncsel_fifoout(3:0) (config32, bit
<11:8>) to select the FIFO output pointer sync source.
(c) Program syncsel_dataformatter(1:0) (config32, bit
<3:2>) to select the FIFO Data Formatter sync source.
9. Clock divider configuration needed for synchronization:
(a) Program clkdiv_sync_sel (config32, bit
<0>) to select the clock divider sync source.
(b) Program clkdiv_sync_ena (config0, bit
<2>) to "1" to enable clock divider sync.
(c) For multi-DAC synchronization in PLL mode, program pll_ndivsync_ena (config24, bit
<11>) to “1” to
synchronize the PLL N-divider.
10. Provide
all
LVDS
inputs
(D[15:0]P/N,
DATACLKP/N,
FRAMEP/N,
SYNCP/N
and
PARITYP/N)
simultaneously. Synchronize the FIFO and clock divider by providing the pulse or periodic signals needed.
(a) For Single Sync Source Mode where either FRAMEP/N or SYNCP/N is used to sync the FIFO, a single
rising edge for FIFO, FIFO data formatter, and clock divider sync is recommended. Periodic sync signal
is not recommended due to the non-deterministic latency of the sync signal through the clock domain
transfer.
(b) For Dual Sync Sources Mode, both single pulse or periodic sync signals can be used.
64
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com