Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 25Page - Texas Instruments DAC3482 Datasheet HTML 26Page - Texas Instruments DAC3482 Datasheet HTML 27Page - Texas Instruments DAC3482 Datasheet HTML 28Page - Texas Instruments DAC3482 Datasheet HTML 29Page - Texas Instruments DAC3482 Datasheet HTML 30Page - Texas Instruments DAC3482 Datasheet HTML 31Page - Texas Instruments DAC3482 Datasheet HTML 32Page - Texas Instruments DAC3482 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
(
)
EXTIO
FS
BIAS
V
I
2
coarse _ dac
1
R
=
´ ´
+
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
Register name: config2
– Address: 0x02, Default: 0x7000
Register
Default
Address
Bit
Name
Function
Name
Value
config2
0x02
15
16bit_in
When set, the input interface is set to word-wide mode.
0
When cleared, the input interface is set to byte-wide mode.
14
dacclkgone_ena
When set, the DACCLK-gone signal from the clock monitor circuit can
1
be used to shut off the DAC outputs. The corresponding alarms,
alarm_dacclk_gone and alarm_output_gone, must not be masked
(i.e.Config7, bit
<10> and bit <8> must set to "0").
13
dataclkgone_ena
When set, the DATACLK-gone signal from the clock monitor circuit
1
can be used to shut off the DAC outputs. The corresponding alarms,
alarm_dataclk_gone and alarm_output_gone, must not be masked
(i.e.Config7, bit
<9> and bit <8> must set to "0").
12
collisiongone_ena
When set, the FIFO collision alarms can be used to shut off the DAC
1
outputs. The corresponding alarms, alarm_fifo_collision and
alarm_output_gone, must not be masked (i.e.Config7, bit
<13> and
bit
<8> must set to "0").
11
Reserved
Reserved for factory use.
0
10
Reserved
Reserved for factory use.
0
9
Reserved
Reserved for factory use.
0
8
Reserved
Reserved for factory use.
0
7
sif4_ena
When set, the serial interface (SIF) is a 4 bit interface, otherwise it is
0
a 3 bit interface.
6
mixer_ena
When set, the mixer block is enabled.
0
5
mixer_gain
When set, a 6dB gain is added to the mixer output.
0
4
nco_ena
When set, the NCO is enabled. This is not required for coarse mixing.
0
3
revbus
When set, the input bits for the data bus are reversed. MSB becomes
0
LSB.
2
Reserved
Reserved for factory use.
0
1
twos
When set, the input data format is expected to be 2
’s complement.
0
When cleared, the input is expected to be offset-binary.
0
Reserved
Reserved for factory use.
0
Register name: config3
– Address: 0x03, Default: 0xF000
Register
Default
Address
Bit
Name
Function
Name
Value
config3
0x03
15:12
coarse_dac(3:0)
Scales the output current in 16 equal steps.
1111
11:8
Reserved
Reserved for factory use.
0000
7:1
Reserved
Reserved for factory use.
0000000
0
sif_txenable
When set, the internal value of TXENABLE is set to
“1”.
0
To enable analog output data transmission, set sif_txenable to
“1” or
pull CMOS TXENABLE pin (A32) to high. To disable analog output,
set sif_txenable to
“0” and pull CMOS TXENABLE pin (A32) to low.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com