Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 24Page - Texas Instruments DAC3482 Datasheet HTML 25Page - Texas Instruments DAC3482 Datasheet HTML 26Page - Texas Instruments DAC3482 Datasheet HTML 27Page - Texas Instruments DAC3482 Datasheet HTML 28Page - Texas Instruments DAC3482 Datasheet HTML 29Page - Texas Instruments DAC3482 Datasheet HTML 30Page - Texas Instruments DAC3482 Datasheet HTML 31Page - Texas Instruments DAC3482 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
Register name: config1
– Address: 0x01, Default: 0x050E
Register
Default
Address
Bit
Name
Function
Name
Value
config1
0x01
15
iotest_ena
When set, enables the data pattern checker test. The outputs are
0
deactivated regardless of the state of TXENABLE and
sif_txenable.
14
Reserved
Reserved for factory use.
0
13
Reserved
Reserved for factory use.
0
12
64cnt_ena
When set, enables resetting of the alarms after 64 good samples
0
with the goal of removing unnecessary errors. For instance, when
checking setup/hold through the pattern checker test, there may
initially be errors. Setting this bit removes the need for a SIF write to
clear the alarm register.
11
oddeven_parity
Selects between odd and even parity check
0
MM 0: Even parity
MM 1: Odd parity
10
word_parity_ena
When set, enables parity checking of each input word using the
1
PARITYP/N parity input. It should match the oddeven_parity
register setting.
9
frame_parity_ena
When set, enables parity checking using the FRAME signal to
0
source the parity bit.
8
Reserved
Reserved for factory use.
1
Note: Default value is
‘1’. Must be set to ‘0’ for proper operation
7
Reserved
Reserved for factory use.
0
6
dacI_complement
When set, the DACI output is complemented. This allows to
0
effectively change the + and
– designations of the LVDS data lines.
5
dacQ_complement
When set, the DACQ output is complemented. This allows to
0
effectively change the + and
– designations of the LVDS data lines.
4
Reserved
Reserved for factory use.
0
3
alarm_2away_ena
When set, the alarm from the FIFO indicating the write and read
1
pointers being 2 away is enabled.
2
alarm_1away_ena
When set, the alarm from the FIFO indicating the write and read
1
pointers being 1 away is enabled.
1
alarm_collision_ena
When set, the alarm from the FIFO indicating a collision between the
1
write and read pointers is enabled.
0
Reserved
Reserved for factory use.
0
28
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com