Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 10Page - Texas Instruments DAC3482 Datasheet HTML 11Page - Texas Instruments DAC3482 Datasheet HTML 12Page - Texas Instruments DAC3482 Datasheet HTML 13Page - Texas Instruments DAC3482 Datasheet HTML 14Page - Texas Instruments DAC3482 Datasheet HTML 15Page - Texas Instruments DAC3482 Datasheet HTML 16Page - Texas Instruments DAC3482 Datasheet HTML 17Page - Texas Instruments DAC3482 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 79 page
background image
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
Output Frequency (MHz)
fDAC = 600 MSPS
fDAC = 800 MSPS
fDAC = 1000 MSPS
fDAC = 1250 MSPS
G007
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
Output Frequency (MHz)
IOUTFS = 10 mA w/ 4:1 Transformer
IOUTFS = 20 mA w/ 4:1 Transformer
IOUTFS = 30 mA w/ 2:1 Transformer
G008
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
100
200
300
400
500
600
Frequency (MHz)
NCO Bypassed
QMC Bypassed
fDAC = 1250 MSPS
fOUT = 20 MHz
G009
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
100
200
300
400
500
600
Frequency (MHz)
NCO Bypassed
QMC Bypassed
fDAC = 1250 MSPS
fOUT = 70 MHz
G010
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
100
200
300
400
500
600
Frequency (MHz)
fDAC = 1250 MSPS
fOUT = 150 MHz
G011
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
10
110
210
310
410
510
610
Frequency (MHz)
fDAC = 1250 MSPS
fOUT = 200 MHz
G012
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, nominal supply voltage, fDAC = 1250 MSPS, 4x interpolation, NCO enabled, Mixer Gain disabled, QMC
enabled with gain set at 1446 for both I/Q channels, 0 dBFS digital input, 20 mA full-scale output current with 4:1 transformer
(unless otherwise noted)
Figure 7. SFDR vs Output Frequency Over fDAC
Figure 8. SFDR vs Output Frequency Over IOUTFS
Figure 9. Single Tone Spectral Plot
Figure 10. Single Tone Spectral Plot
Figure 11. Single Tone Spectral Plot
Figure 12. Single Tone Spectral Plot
14
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com