Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 12Page - Texas Instruments DAC3482 Datasheet HTML 13Page - Texas Instruments DAC3482 Datasheet HTML 14Page - Texas Instruments DAC3482 Datasheet HTML 15Page - Texas Instruments DAC3482 Datasheet HTML 16Page - Texas Instruments DAC3482 Datasheet HTML 17Page - Texas Instruments DAC3482 Datasheet HTML 18Page - Texas Instruments DAC3482 Datasheet HTML 19Page - Texas Instruments DAC3482 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
195
196
197
198
199
200
201
202
203
204
205
Frequency (MHz)
fDAC = 1250 MSPS
fOUT = 200 MHz
Tone Spacing = 1 MHz
G019
130
135
140
145
150
155
160
165
170
0
100
200
300
400
500
600
Output Frequency (MHz)
0 dBFS
−6 dBFS
−12 dBFS
G020
130
135
140
145
150
155
160
165
170
0
100
200
300
400
500
600
Output Frequency (MHz)
fDATA = 312.5 MSPS, 1x Interpolation
fDATA = 312.5 MSPS, 2x Interpolation
fDATA = 312.5 MSPS, 4x Interpolation
fDATA = 156.25 MSPS, 8x Interpolation
fDATA = 78.125 MSPS, 16x Interpolation
G021
130
135
140
145
150
155
160
165
170
0
100
200
300
400
500
600
Output Frequency (MHz)
fDAC = 600 MSPS
fDAC = 800 MSPS
fDAC = 1000 MSPS
fDAC = 1250 MSPS
G022
130
135
140
145
150
155
160
165
170
0
50
100
150
200
250
300
350
400
Output Frequency (MHz)
IOUTFS = 10 mA w/ 4:1 Transformer
IOUTFS = 20 mA w/ 4:1 Transformer
IOUTFS = 30 mA w/ 2:1 Transformer
G023
130
135
140
145
150
155
160
165
170
0
100
200
300
400
500
600
Output Frequency (MHz)
PLL Bypassed
PLL Enabled w/ PFD of 78.125 MHz
G024
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, nominal supply voltage, fDAC = 1250 MSPS, 4x interpolation, NCO enabled, Mixer Gain disabled, QMC
enabled with gain set at 1446 for both I/Q channels, 0 dBFS digital input, 20 mA full-scale output current with 4:1 transformer
(unless otherwise noted)
Figure 19. Two Tone Spectral Plot
Figure 20. NSD vs Output Frequency Over Input Scale
Figure 21. NSD vs Output Frequency Over Interpolation
Figure 22. NSD vs Output Frequency Over fDAC
Figure 23. NSD vs Output Frequency Over IOUTFS
Figure 24. NSD vs Output Frequency Over Clocking
Options
16
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com