Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 68 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 64Page - Texas Instruments DAC3482 Datasheet HTML 65Page - Texas Instruments DAC3482 Datasheet HTML 66Page - Texas Instruments DAC3482 Datasheet HTML 67Page - Texas Instruments DAC3482 Datasheet HTML 68Page - Texas Instruments DAC3482 Datasheet HTML 69Page - Texas Instruments DAC3482 Datasheet HTML 70Page - Texas Instruments DAC3482 Datasheet HTML 71Page - Texas Instruments DAC3482 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
C
0.1 F
AC
C
0.1 F
AC
Differential
ECL
or
(LV)PECL
Source
+
–
CLKIN
CLKINC
S0029-02
100
R
150
T
R
150
T
GND
Internal Digital In
IOVDD
LVDS
Receiver
S0516-01
100
LVDS
Receiver
DAC3482
GND
B0459-01
100
V
B
V
B
V
A
V
A
1.4 V
1 V
400 mV
0 V
–400 mV
1
0
V
= (V + V )/2
COM
A
B
V
A, B
V
A, B
Logical Bit
Equivalent
Example
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
Figure 81. Preferred Clock Input Configuration with a Differential ECL/PECL Clock Source
LVDS INPUTS
The D[15:0]P/N, DATACLKP/N, SYNCP/N, PARITYP/N and FRAMEP/N LVDS pairs have the input configuration
shown in Figure 82. Figure 83 shows the typical input levels and common-move voltage used to drive these
inputs.
Figure 82. D[15:0]P/N, DATACLKP/N, FRAMEP/N, SYNCP/N and PARITYP/N LVDS Input Configuration
Figure 83. LVDS Data Input Levels
68
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com