Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 28Page - Texas Instruments DAC3482 Datasheet HTML 29Page - Texas Instruments DAC3482 Datasheet HTML 30Page - Texas Instruments DAC3482 Datasheet HTML 31Page - Texas Instruments DAC3482 Datasheet HTML 32Page - Texas Instruments DAC3482 Datasheet HTML 33Page - Texas Instruments DAC3482 Datasheet HTML 34Page - Texas Instruments DAC3482 Datasheet HTML 35Page - Texas Instruments DAC3482 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
Register name: config10
– Address: 0x0A, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config10
0x0A
15
Reserved
Reserved for factory use.
0
14
Reserved
Reserved for factory use.
0
13
Reserved
Reserved for factory use.
0
12:0
Reserved
Reserved for factory use.
All zeros
Register name: config11
– Address: 0x0B, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config10
0x0A
15
Reserved
Reserved for factory use.
0
14
Reserved
Reserved for factory use.
0
13
Reserved
Reserved for factory use.
0
12:0
Reserved
Reserved for factory use.
All zeros
Register name: config12
– Address: 0x0C, Default: 0x0400
Register
Default
Address
Bit
Name
Function
Value
Name
config12
0x0C
15
Reserved
Reserved for factory use.
0
14
Reserved
Reserved for factory use.
0
13
Reserved
Reserved for factory use.
0
12
Reserved
Reserved for factory use.
0
11
Reserved
Reserved for factory use.
0
10:0
qmc_gainI(10:0)
QMC gain for DACI. The full 11-bit qmc_gainI(10:0) word is formatted as UNSIGNED
10000000
with a range of 0 to 1.9990. The implied decimal point for the multiplication is between bit
000
9 and bit 10.
Register name: config13
– Address: 0x0D, Default: 0x0400
Register
Default
Address
Bit
Name
Function
Value
Name
config13
0x0D
15
cmix_mode(3:0)
Sets the mixing function of the coarse mixer.
0000
MM Bit 15: Fs/8 mixer
MM Bit 14: Fs/4 mixer
MM Bit 13: Fs/2 mixer
MM Bit 12: -Fs/4 mixer
The various mixers can be combined together to obtain a
±n×Fs/8 total mixing factor.
11
Reserved
Reserved for factory use.
0
10:0
qmc_gainQ(10:0)
QMC gain for DACQ. The full 11-bit qmc_gainb(10:0) word is formatted as UNSIGNED
10000000
with a range of 0 to 1.9990. The implied decimal point for the multiplication is between
000
bit 9 and bit 10.
Register name: config14
– Address: 0x0E, Default: 0x0400
Register
Default
Address
Bit
Name
Function
Value
Name
config14
0x0E
15
Reserved
Reserved for factory use.
0
14
Reserved
Reserved for factory use.
0
13
Reserved
Reserved for factory use.
0
12
Reserved
Reserved for factory use.
0
11
Reserved
Reserved for factory use.
0
10:0
Reserved
Reserved for factory use.
10000000
000
32
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com