Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 36Page - Texas Instruments DAC3482 Datasheet HTML 37Page - Texas Instruments DAC3482 Datasheet HTML 38Page - Texas Instruments DAC3482 Datasheet HTML 39Page - Texas Instruments DAC3482 Datasheet HTML 40Page - Texas Instruments DAC3482 Datasheet HTML 41Page - Texas Instruments DAC3482 Datasheet HTML 42Page - Texas Instruments DAC3482 Datasheet HTML 43Page - Texas Instruments DAC3482 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
Register name: config47
– Address: 0x2F, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config47
0x2F
15:8
grp_delayQ(7:0)
Sets the group delay function for DACQ. The maximum delay ranges from 30ps to
0x00
100ps and is dependent on DAC sample clock. Contact TI for specific application
information.
7:0
Reserved
Reserved for factory use.
0x00
Register name: config48
– Address: 0x30, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config48
0x30
15:0
sifdac(15:0)
Value sent to the DACs when sifdac_ena is asserted. DATACLK must be running to
0x0000
latch this value into the DACs. The format would be based on twos in register config2.
Register name: version
– Address: 0x7F, Default: 0x5409 (READ ONLY)
Register
Default
Address
Bit
Name
Function
Value
Name
version
0x7F
15:10
Reserved
Reserved for factory use.
010101
9
Reserved
Reserved for factory use.
0
8:7
Reserved
Reserved for factory use.
00
6:5
Reserved
Reserved for factory use.
00
4:3
deviceid(1:0)
Returns
‘01’ for DAC3482.
01
2:0
versionid(2:0)
A hardwired register that contains the version of the chip.
100
40
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com