Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 1 Page - Texas Instruments

  DAC3482 Datasheet HTML 1Page - Texas Instruments DAC3482 Datasheet HTML 2Page - Texas Instruments DAC3482 Datasheet HTML 3Page - Texas Instruments DAC3482 Datasheet HTML 4Page - Texas Instruments DAC3482 Datasheet HTML 5Page - Texas Instruments DAC3482 Datasheet HTML 6Page - Texas Instruments DAC3482 Datasheet HTML 7Page - Texas Instruments DAC3482 Datasheet HTML 8Page - Texas Instruments DAC3482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
Check for Samples: DAC3482
1
FEATURES
DESCRIPTION
The DAC3482 is a very low power, high dynamic
•
Very Low Power: 900 mW at 1.25 GSPS, Full
range, dual-channel, 16-bit digital-to-analog converter
Operating Conditions
(DAC) with a sample rate as high as 1.25 GSPS.
•
Multi-DAC Synchronization
The device includes features that simplify the design
•
Selectable 2x, 4x, 8x, 16x Interpolation Filter
of complex transmit architectures: 2x to 16x digital
– Stop-Band Attenuation > 90 dBc
interpolation filters with over 90 dB of stop-band
•
Flexible On-Chip Complex Mixing
attenuation
simplify
the
data
interface
and
– Fine Mixer with 32-bit NCO
reconstruction filters. A complex mixer allows flexible
– Power Saving Coarse Mixer: ± n×Fs/8
carrier placement. A high-performance low jitter clock
multiplier simplifies clocking of the device without
•
High Performance, Low Jitter Clock
significant impact on the dynamic range. The digital
Multiplying PLL
Quadrature Modulator Correction (QMC) enables
•
Digital I and Q Correction
complete IQ compensation for gain, offset, phase,
– Gain, Phase, Offset, and Group Delay
and
group
delay
between
channels
in
direct
Correction
up-conversion applications.
•
Digital Inverse Sinc Filter
Digital data is input to the device through a flexible
•
Flexible LVDS Input Data Bus
LVDS data bus with on-chip termination. Data can be
– Word- or Byte-Wide Interface
input either word-wide or byte-wide. The device
– 8 Sample Input FIFO
includes a FIFO, data pattern checker and parity test
to ease the input interface. The interface also allows
– Data Pattern Checker
full synchronization of multiple devices.
– Parity Check
The device is characterized for operation over the
•
Temperature Sensor
entire industrial temperature range of
–40°C to 85°C
•
Differential Scalable Output: 10mA to 30mA
and is available in a very-small 88-pin 9x9mm WQFN
•
Space Saving Package: 88-pin 9x9mm WQFN
package.
(GREEN / Pb-Free)
The DAC3482 very low power, small size, superior
crosstalk, high dynamic range and features are an
APPLICATIONS
ideal fit for today
’s communication systems.
•
Cellular Base Stations
•
Diversity Transmit
•
Wideband Communications
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC3482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482 TI1-DAC3482 Datasheet
1Mb / 92P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI2-DAC3482 Datasheet
2Mb / 107P
DAC3482, Dual-Channel, 16-Bit, 1.25GSPS Digital-to-Analog Converter (DAC)
REVISED JANUARY 2024
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
2Mb / 106P
Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKDR TI1-DAC3482IRKDR Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com