Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 48 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 44Page - Texas Instruments DAC3482 Datasheet HTML 45Page - Texas Instruments DAC3482 Datasheet HTML 46Page - Texas Instruments DAC3482 Datasheet HTML 47Page - Texas Instruments DAC3482 Datasheet HTML 48Page - Texas Instruments DAC3482 Datasheet HTML 49Page - Texas Instruments DAC3482 Datasheet HTML 50Page - Texas Instruments DAC3482 Datasheet HTML 51Page - Texas Instruments DAC3482 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
LPF
S0514-01
R = 1 k
C1 = 100 nF
C2 = 1 nF
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
•
When the overall divide ratio is greater than 120, an external loop filter is required to ensure loop stability
The single charge pump current option is selected by setting pll_cp in register config24 to
“01”.
If an external filter is required, the following filter should be connected to the LPF pin (A1):
Figure 56. Recommended External Loop Filter
The PLL will generate an internal OSTR signal and does not require the external LVPECL OSTR signal. The
OSTR signal is buffered from the N-divider output in the PLL block, and the frequency of the signal is the same
as the PFD frequency. Therefore, using PLL with Dual Sync Sources mode requires the PFD frequency to be the
pre-defined OSTR frequency listed in Input FIFO section. This will allow the FIFO to be synced correctly by the
internal OSTR.
MULTI-DEVICE SYNCHRONIZATION
In various applications, such as multi antenna systems where the various transmit channels information is
correlated, it is required that multiple DAC devices are completely synchronized such that their outputs are phase
aligned. The DAC3482 architecture supports this mode of operation.
MULTI-DEVICE SYNCHRONIZATION: PLL BYPASSED WITH DUAL SYNC SOURCES MODE
For single or multi-device synchronization it is important that delay differences in the data are absorbed by the
device so that latency through the device remains the same. Furthermore, to guarantee that the outputs from
each DAC are phase aligned it is necessary that data is read from the FIFO of each device simultaneously. In
the DAC3482 this is accomplished by operating the multiple devices in Dual Sync Sources mode. In this mode
the additional OSTR signal is required by each DAC3482 to be synchronized.
Data into the device is input as LVDS signals from one or multiple baseband ASICs or FPGAs. Data into the
multiple DAC devices can experience different delays due to variations in the digital source output paths or board
level wiring. These different delays can be effectively absorbed by the DAC3482 FIFO so that all outputs are
phase aligned correctly.
48
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com