Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 8Page - Texas Instruments DAC3482 Datasheet HTML 9Page - Texas Instruments DAC3482 Datasheet HTML 10Page - Texas Instruments DAC3482 Datasheet HTML 11Page - Texas Instruments DAC3482 Datasheet HTML 12Page - Texas Instruments DAC3482 Datasheet HTML 13Page - Texas Instruments DAC3482 Datasheet HTML 14Page - Texas Instruments DAC3482 Datasheet HTML 15Page - Texas Instruments DAC3482 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
– AC SPECIFICATIONS
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS / COMMENTS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT(1)
fDAC
Maximum DAC rate
1250
MSPS
ts(DAC)
Output settling time to 0.1%
Transition: Code 0x0000 to 0xFFFF
10
ns
DAC outputs are updated on the falling edge of DAC clock. Does not include
tpd
Output propagation delay
2
ns
Digital Latency (see below).
tr(IOUT)
Output rise time 10% to 90%
220
ps
tf(IOUT)
Output fall time 90% to 10%
220
ps
No interpolation, FIFO enabled, Mixer off, QMC off, Inverse
250
sinc off
2x Interpolation
212
8-bit
interface
4x Interpolation
372
8x Interpolation
723
16x Interpolation
1440
No interpolation, FIFO enabled, Mixer off, QMC off, Inverse
140
DAC
sinc off
Digital latency
clock
2x Interpolation
228
cycles
16-bit
interface
4x Interpolation
417
8x Interpolation
817
16x Interpolation
1630
Fine mixer
24
QMC
16
Inverse sinc
20
Power-
DAC wake-up time
IOUT current settling to 1% of IOUTFS from output sleep
2
up
μs
DAC sleep time
IOUT current settling to less than 1% of IOUTFS in output sleep
2
Time
AC PERFORMANCE(2)
fDAC = 1.25 GSPS, fOUT = 20 MHz
82
Spurious free dynamic range
SFDR
fDAC = 1.25 GSPS, fOUT = 50 MHz
77
dBc
(0 to fDAC/2) tone at 0 dBFS
fDAC = 1.25 GSPS, fOUT = 70 MHz
72
fDAC = 1.25 MSPS, fOUT = 30 ± 0.5 MHz
81
Third-order two-tone
intermodulation distortion
IMD3
fDAC = 1.25 GSPS, fOUT = 50 ± 0.5 MHz
79
dBc
Each tone at
–12 dBFS
fDAC = 1.25 GSPS, fOUT = 100 ± 0.5 MHz
77.5
fDAC = 1.25 GSPS, fOUT = 10 MHz
160
Noise spectral density
NSD
dBc/Hz
Tone at 0dBFS
fDAC = 1.25 GSPS, fOUT = 80 MHz
155
fDAC = 1.2288 GSPS, fOUT = 30.72 MHz
77
Adjacent channel leakage ratio,
single carrier
fDAC = 1.2288 GSPS, fOUT = 153.6 MHz
74
ACLR(3)
dBc
fDAC = 1.2288 GSPS, fOUT = 30.72 MHz
82
Alternate channel leakage ratio,
single carrier
fDAC = 1.2288 GSPS, fOUT = 153.6 MHz
80
Channel isolation
fDAC = 1.25 GSPS, fOUT = 10 MHz
84
dBc
(1)
Measured single ended into 50
Ω load.
(2)
4:1 transformer output termination, 50
Ω doubly terminated load
(3)
Single carrier, W-CDMA with 3.84 MHz BW, 5-MHz spacing, centered at IF, PAR = 12dB. TESTMODEL 1, 10 ms
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com