Electronic Components Datasheet Search
  English  ▼

X  

DAC3482 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 30Page - Texas Instruments DAC3482 Datasheet HTML 31Page - Texas Instruments DAC3482 Datasheet HTML 32Page - Texas Instruments DAC3482 Datasheet HTML 33Page - Texas Instruments DAC3482 Datasheet HTML 34Page - Texas Instruments DAC3482 Datasheet HTML 35Page - Texas Instruments DAC3482 Datasheet HTML 36Page - Texas Instruments DAC3482 Datasheet HTML 37Page - Texas Instruments DAC3482 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
Register name: config20
– Address: 0x14, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config20
0x14
15:0
phase_ add(15:0)
The phase_add(15:0) value is used to determine the NCO frequency. The two
’s
0x0000
complement formatted value can be positive or negative. Each LSB represents
Fs/(2^32) frequency step.
Register name: config21
– Address: 0x15, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config21
0x15
15:0
phase_ add(31:16)
See config20 above.
0x0000
Register name: config22
– Address: 0x16, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config22
0x16
15:0
Reserved
Reserved for factory use.
0x0000
Register name: config23
– Address: 0x17, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config23
0x17
15:0
Reserved
Reserved for factory use.
0x0000
Register name: config24
– Address: 0x18, Default: NA
Register
Default
Address
Bit
Name
Function
Value
Name
config24
0x18
15:13
Reserved
Reserved for factory use.
001
12
pll_reset
When set, the PLL loop filter (LPF) is pulled down to 0V. Toggle from
‘1’ to ‘0’ to
0
restart the PLL if an over-speed lock-up occurs. Over-speed can happen when the
process is fast, the supplies are higher than nominal, etc. resulting in the feedback
dividers missing a clock.
11
pll_ndivsync_ena
When set, the LVDS SYNC input is used to sync the PLL N dividers.
1
10
pll_ena
When set, the PLL is enabled. When cleared, the PLL is bypassed.
0
9:8
Reserved
Reserved for factory use.
00
7:6
pll_cp(1:0)
PLL pump charge select
00
MM 00: No charge pump
MM 01: Single pump charge
MM 10: Not used
MM 11: Dual pump charge
5:3
pll_p(2:0)
PLL pre-scaler dividing module control.
001
MM 010: 2
MM 011: 3
MM 100: 4
MM 101: 5
MM 110: 6
MM 111: 7
MM 000: 8
2:0
pll_lfvolt(2:0)
PLL loop filter voltage. This three bit read-only indicator has step size of 0.4125V.
NA
The entire range covers from 0V to 3.3V. The optimal lock range of the PLL will be
from 010 to 101 (i.e. 0.825V to 2.063V). Adjust pll_vco(5:0) for optimal lock range.
34
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com