Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 40 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 40 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 36Page - Motorola, Inc MCD212 Datasheet HTML 37Page - Motorola, Inc MCD212 Datasheet HTML 38Page - Motorola, Inc MCD212 Datasheet HTML 39Page - Motorola, Inc MCD212 Datasheet HTML 40Page - Motorola, Inc MCD212 Datasheet HTML 41Page - Motorola, Inc MCD212 Datasheet HTML 42Page - Motorola, Inc MCD212 Datasheet HTML 43Page - Motorola, Inc MCD212 Datasheet HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
MCD212
5–11
MOTOROLA
Table 5–15. CLUT RAM Addresses
CLUT Bank
CLUT 0 – 63
CLUT Address (h)
0
00 (Reg. 80) – 3F (Reg. BF)
00 – 3F
1
00 (Reg. 80) – 3F (Reg. BF)
40 – 7F
2
00 (Reg. 80) – 3F (Reg. BF)
80 – BF
3
00 (Reg. 80) – 3F (Reg. BF)
C0 – FF
5.4.4.2
Image Coding Method Register (hC0)
Programmable via CH#1.
Table 5–16. Image Coding Method Register — Address hC0
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
—
CS
—
—
NR
EV
—
—
—
—
—
—
C
M
23
C
M
22
C
M
21
C
M
20
—
—
—
—
C
M
13
C
M
12
C
M
11
C
M
10
CS: CLUT select for dual 7–bit CLUTs:
0 = CLUT bank 0 and 1
1 = CLUT bank 2 and 3
NR: number of region flags:
0 = one region flag is used
1 = two region flags are used
EV: external video enable:
0 = disabled
1 = enabled
Table 5–17. CM1x, CM2x: Coding Method for Plane A, B
Input Channel
Mode
Resolution
CM
23
CM
22
CM
21
CM
20
CM
13
CM
12
CM
11
CM
10
CH#1
OFF
—
—
—
—
—
0
0
0
0
CH#2
OFF
—
0
0
0
0
—
—
—
—
CH#1
CLUT8
Normal
—
—
—
—
0
0
0
1
CH#1
CLUT7
Normal
—
—
—
—
0
0
1
1
CH#1
CLUT7+7
Normal
—
—
—
—
0
1
0
0
CH#1
DYUV
Normal
—
—
—
—
0
1
0
1
CH#1
CLUT4
Double
—
—
—
—
1
0
1
1
CH#1 + CH#2
RGB555
Normal
0
0
0
1
—
—
—
—
CH#2
CLUT7
Normal
0
0
1
1
—
—
—
—
CH#2
DYUV
Normal
0
1
0
1
—
—
—
—
CH#2
CLUT4
Double
1
0
1
1
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com