Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 75 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 75 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 71Page - Motorola, Inc MCD212 Datasheet HTML 72Page - Motorola, Inc MCD212 Datasheet HTML 73Page - Motorola, Inc MCD212 Datasheet HTML 74Page - Motorola, Inc MCD212 Datasheet HTML 75Page - Motorola, Inc MCD212 Datasheet HTML 76Page - Motorola, Inc MCD212 Datasheet HTML 77Page - Motorola, Inc MCD212 Datasheet HTML 78Page - Motorola, Inc MCD212 Datasheet HTML 79Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
MCD212
11–2
MOTOROLA
11.2
DC ELECTRICAL CHARACTERISTICS
VDD = 5 V ± 10%, VSS = 0 V, TA = 0° – 70°C
Parameter
Symbol
Conditions
Min
Max
Unit
Operating Supply Current
IDD
VI = VDD or VSS
CLK at 30.3 MHz
—
220
mA
Input Voltage
(CMOS input)
VIH
VIL
0.7 VDD
—
—
0.3 VDD
V
Input Voltage
(TTL input)
VIH
VIL
VDD = 4.5 V
VDD = 5.5 V
VDD = 5.5 V
2.0
2.2
—
—
—
0.8
V
CMOS Schmitt Trigger
Input Voltage
VT+
VT–
VDD = 4.5 V – 5.5 V
2.0
1.5
3.4
2.6
V
Hysteresis — Schmitt CMOS
VDD = 4.5 V – 5.5 V
0.11 VDD
0.18 VDD
V
Input Leakage Current
ILI
VI = VDD or VSS*
– 1
1
µA
Output Voltage
(4 mA Output Type)
VOH
VOL
IO = – 4 mA, VDD = 4.5 V
IO = 4 mA, VDD = 4.5 V
3.7
—
—
0.4
V
Output Voltage
(8 mA Output Type)
VOH
VOL
IO = – 8 mA, VDD = 4.5 V
IO = 8 mA, VDD = 4.5 V
3.7
—
—
0.4
V
Output Leakage Current
IOZ
– 5
5
µA
Input Capacitance
Cin
VDD = VI = 0 V
—
10
pF
Output Capacitance
Cout
—
12.5
pF
* Leakage current is in addition to input current generated in pull–up resistors when the input is held low. (TDI, TMS, TCK have 100 k
Ω pull–ups).
11.3
AC CHARACTERISTICS
Conditions:
VDD = 5 V (± 10%)
TA = 0° – 70°C
VOL = 0.8 V, VOH = 2.2 V
Cload (DTACK, INT) =130 pF , Rload (DTACK, INT) = 1 kΩ
Cload (D0 – D15, RSTOUT, HALT, BERR) = 130 pF
Cload (MA0 – MA9, RAS, CAS1, CAS2) = 100 pF
Cload (CSIO, CSROM, MD0 – MD15) = 50 pF
Cload (CLK2, CLK2, HSYNC, VSYNC, CSYNC, BLANK, UWR, LWR
RO – R7, G0 – G7, B0 – B7, VSA, VSD) = 75 pF
TIMING
No.
Parameter
Min
Max
Unit
Note
1
CLK Period
32
—
ns
2
CLK High Time
13
—
ns
3
CLK Low Time
13
—
ns
4
CLK High to CLK2
0
25
ns
5
CLK High to CLK2
0
25
ns
6
CLK2 Low to CLK2 High
– 5
6
ns
7
CLK2 Low to R0 – R7, G0 – G7, B0 – B7, VSYNC, HSYNC, CSYNC, BLANK5
4
26
ns
8
CLK2 High to R0 – R7, G0 – G7, B0 – B7
5
27
ns
9
CLK2 High to VSYNC, HSYNC, CSYNC, BLANK
5
26
ns
10
CLK2 Low to VSD, VSA
5
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com