Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 28 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 28 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 24Page - Motorola, Inc MCD212 Datasheet HTML 25Page - Motorola, Inc MCD212 Datasheet HTML 26Page - Motorola, Inc MCD212 Datasheet HTML 27Page - Motorola, Inc MCD212 Datasheet HTML 28Page - Motorola, Inc MCD212 Datasheet HTML 29Page - Motorola, Inc MCD212 Datasheet HTML 30Page - Motorola, Inc MCD212 Datasheet HTML 31Page - Motorola, Inc MCD212 Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
MCD212
4–5
MOTOROLA
4.4
DRAM DESELECT
During the reset period, banks can be devalidated if their corresponding CAS pin is grounded. No
DTACK is generated for devalidated banks. A pull–up is needed to validate banks.
10K
GND
CASX
DEVALIDATION OF BANKS
CASX
+
22K
VALIDATION OF BANKS
Figure 4–4. DRAM Banks Validation/Devalidation
4.5
DRAM IMPLEMENTATION
Tables 4–4 thru 4–6 show how the 256K x 4, 1M x 4, and 256K x 16 type DRAMs are connected to
the VDSC.
Table 4–4. Implementing 256K x 4 DRAM
Bank 1
Bank 2
DRAM 1
DRAM 2
DRAM 3
DRAM 4
DRAM 5
DRAM 6
DRAM 7
DRAM 8
MD0 – MD3
D0 – D3
D0 – D3
MD4 – MD7
D0 – D3
D0 – D3
MD8 – MD11
D0 – D3
D0 – D3
MD12 – MD15
D0 – D3
D0 – D3
MA0 – MA8
A0 – A8
A0 – A8
A0 – A8
A0 – A8
A0 – A8
A0 – A8
A0 – A8
A0 – A8
LWR
W
W
W
W
UWR
W
W
W
W
RAS
RAS
RAS
RAS
RAS
RAS
RAS
RAS
RAS
CAS1
CAS/OE
CAS/OE
CAS/OE
CAS/OE
CAS2
CAS/OE
CAS/OE
CAS/OE
CAS/OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com