Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 47 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 47 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 43Page - Motorola, Inc MCD212 Datasheet HTML 44Page - Motorola, Inc MCD212 Datasheet HTML 45Page - Motorola, Inc MCD212 Datasheet HTML 46Page - Motorola, Inc MCD212 Datasheet HTML 47Page - Motorola, Inc MCD212 Datasheet HTML 48Page - Motorola, Inc MCD212 Datasheet HTML 49Page - Motorola, Inc MCD212 Datasheet HTML 50Page - Motorola, Inc MCD212 Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
MCD212
5–18
MOTOROLA
Table 5–34. Color of Background Plane
Y
R
G
B
Color of Background
0
0
0
0
Black
0
0
0
1
Half–Brightness Blue
0
0
1
0
Half–Brightness Green
0
0
1
1
Half–Brightness Cyan
0
1
0
0
Half–Brightness Red
0
1
0
1
Half–Brightness Magenta
0
1
1
0
Half–Brightness Yellow
0
1
1
1
Half–Brightness White
1
0
0
0
Black
1
0
0
1
Blue
1
0
1
0
Green
1
0
1
1
Cyan
1
1
0
0
Red
1
1
0
1
Magenta
1
1
1
0
Yellow
1
1
1
1
White
5.4.4.14 Mosaic Pixel Hold Factor Register (hD9, hDA)
hD9: programmable via CH#1 for plane A.
hDA: programmable via CH#2 for plane B.
Table 5–35. Mosaic Pixel Hold Factor Register — Address hD9, hDA
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EN
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
EN: pixel hold enable:
0 = mosaic off
1 = mosaic on
Z7 – Z0: number of pixels to be held:
0 = reserved
1 = normal usage
2–255 = mosaic effect
The pixel hold factor is effective at both normal and double resolution.
5.4.4.15 Weight Factor Register (hDB - hDC)
hDB: programmable via CH#1 for plane A.
hDC: programmable via CH#2 for plane B.
Table 5–36. Weight Factor Register — Address hDB – hDC
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EN
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
W5
W4
W3 W2 W1 W0
W5 – W0: weight factor value:
W5 = MSB
W0 = LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com