Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 85 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 85 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 79Page - Motorola, Inc MCD212 Datasheet HTML 80Page - Motorola, Inc MCD212 Datasheet HTML 81Page - Motorola, Inc MCD212 Datasheet HTML 82Page - Motorola, Inc MCD212 Datasheet HTML 83Page - Motorola, Inc MCD212 Datasheet HTML 84Page - Motorola, Inc MCD212 Datasheet HTML 85Page - Motorola, Inc MCD212 Datasheet HTML 86Page - Motorola, Inc MCD212 Datasheet HTML 87Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
MCD212
A–2
MOTOROLA
Table A–1. 16–Bit Quantization Table
Input Difference
Code
Output Difference
0
0
0
1 .... 2
– (254 ... 255)
1
1
3 .... 6
– (250 ... 253)
2
4
7 .... 12
– (244 ... 249)
3
9
13 ... 21
– (235 ... 243)
4
16
22 ... 35
– (221 ... 234)
5
27
36 ... 61
– (195 ... 220)
6
44
62 ... 99
– (157 ... 194)
7
79
100 ... 156
– (100 ... 156)
8
128
157 ... 194
– (62 ... 99)
9
177
195 ... 220
– (36 ... 61)
10
212
221 ... 234
– (22 ... 35)
11
229
235 ... 243
– (13 ... 21)
12
240
244 ... 249
– (7 ... 12)
13
247
250 ... 253
– (3 ... 6)
14
252
254 ... 255
– (1 ... 2)
15
255
Example:
Assume that the first seven pixels of the line (expressed as RGB) are as follows:
0,0,0
16,0,0
0,128,255
128,64,68
232,240,12
0,255,0
0,0,255
Converting to YUV gives:
16,128,128
20,126,135
105,203,63
88,120,156
197,29,141
144,54,35
41,240,110
Then the absolute value of the first pixel (8 bits) is sent for each of the components (shown in hex):
h10,h80,h80
then the delta between the first and second pixels is calculated as 4–bit data from the table above (in
hex):
h2,hF,h3
then the delta of the Y component is calculated based on the difference from the last calculated value
and the desired value (the U and V are skipped):
h7
next the delta for all components is calculated:
hD,hD,h4
and so on for the rest of the pixels:
h8
h9,h9,h8
h9
In the MCD212, the data is reconstructed as follows:
The first pixel is given by the absolute value:
16,128,128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com