Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 37 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 37 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 33Page - Motorola, Inc MCD212 Datasheet HTML 34Page - Motorola, Inc MCD212 Datasheet HTML 35Page - Motorola, Inc MCD212 Datasheet HTML 36Page - Motorola, Inc MCD212 Datasheet HTML 37Page - Motorola, Inc MCD212 Datasheet HTML 38Page - Motorola, Inc MCD212 Datasheet HTML 39Page - Motorola, Inc MCD212 Datasheet HTML 40Page - Motorola, Inc MCD212 Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
MCD212
5–8
MOTOROLA
Table 5–10. Possible DCA1/DCA2 Fetches per Line
Possible DCA1 Fetches Per Line
Possible DCA2 Fetches Per Line
IC1
DC1
CF
DCA1
(in bytes)
IC2
DC2
CF
DCA2
(in bytes)
0
x
x
0
0
x
x
0
1
0
x
0
1
0
x
0
1
1
0
32
1
1
0
32
1
1
1
64
1
1
1
64
NOTE: An automatic stop instruction is performed at the end of the available area (when the effective DCA is
larger than indicated). The allocated memory size is always 64 bytes even if the possible number of
fetches is lower.
5.4.4
ICA/DCA Instructions
ICA/DCA instructions are contained in the system RAM. They are long–word aligned and long–word
wide. The most significant byte indicates which register or registers are updated by the information
contained in the other bytes. The instructions can be divided into two groups. The instructions from the
first group affect the control of the instruction fetches, the display parameters, and interrupt generation
(see Table 5–11). The instructions from the second group affect the video decoder and visual effects
part (see Chapter 11). The control of the instructions fetches and display parameters can also be
affected by the system (CPU). None of the registers can be read by the system.
Table 5–11. ICA Control Instructions
Instruction
(Bit 31 – 0)
Acronym
Action
0000 –––– –––– ––––
–––– –––– –––– ––––
STOP
Stop the control sequence. The instruction
fetches are stopped until the next field.
0001 –––– –––– ––––
–––– –––– –––– ––––
NOP
No operation.
0010 –––– –– pp pppp
pppp pppp pppp pp ––
RELOAD DCP
Reload the DCP register and its associated
address counter with the specified pointer (p).
0011 –––– –– pp pppp
pppp pppp pppp pp ––
RELOAD DCP and
STOP
Reload the DCP register and its associated
address counter with the specified pointer (p)
and stop control fetches as STOP instruction.
0100 –––– –– pp pppp
pppp pppp pppp pppp
RELOAD VSR
Reload ICA pointer. It functions as a jump
instruction. It does not affect the VSR pointer.
0101 –––– –– pp pppp
pppp pppp pppp pppp
RELOAD VSR and
STOP
Reload the VSR register and the video address
counter with the specified pointer and stop the
control fetches as STOP instruction.
0110 –––– –––– ––––
–––– –––– –––– ––––
INTERRUPT
Set IT bit in CSR register.
0111 1 ––– –––– ––––
–––– –––– ––0b cdef
RELOAD DISPLAY
PARAMETERS
b = CM
c = MF1
d = MF2
e = FT1
f = FT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com