Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 46 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 42Page - Motorola, Inc MCD212 Datasheet HTML 43Page - Motorola, Inc MCD212 Datasheet HTML 44Page - Motorola, Inc MCD212 Datasheet HTML 45Page - Motorola, Inc MCD212 Datasheet HTML 46Page - Motorola, Inc MCD212 Datasheet HTML 47Page - Motorola, Inc MCD212 Datasheet HTML 48Page - Motorola, Inc MCD212 Datasheet HTML 49Page - Motorola, Inc MCD212 Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
MCD212
5–17
MOTOROLA
Table 5–32. Operation Control Codes
OP3
OP2
OP1
OP0
Operation Control
0
0
0
0
End of Region Control for the Line
0
0
0
1
N.U.
0
0
1
0
N.U.
0
0
1
1
N.U.
0
1
0
0
Change Weight of Plane A. New
Weight–Value is WF5–0
0
1
0
1
N.U.
0
1
1
0
Change Weight of Plane B. New
Weight–Value is WF5 –WF0
0
1
1
1
N.U.
1
0
0
0
Reset Region Flag
1
0
0
1
Set Region Flag
1
0
1
0
N.U.
1
0
1
1
N.U.
1
1
0
0
Reset Region Flag and Change
Weight of Plane A
1
1
0
1
Set Region Flag and Change Weight
of Plane A
1
1
1
0
Reset Region Flag and Change
Weight of Plane B
1
1
1
1
Set Region Flag and Change Weight
of Plane B
RF: region flag to be changed:
0 = region flag 0
1 = region flag 1
The RF bit is only valid if the NR bit in register COH is 0.
WF5 – WF0: next new weight factor value
X9 – X0: X–position:
Distance from the lefthand edge of display, in double resolution.
5.4.4.13 Backdrop Color Register (hD8)
Programmable via CH#1.
Table 5–33. Background Color Register — Address hD8
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Y
R
G
B
Y R G B: Color of backdrop plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com