Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 34 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 34 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 30Page - Motorola, Inc MCD212 Datasheet HTML 31Page - Motorola, Inc MCD212 Datasheet HTML 32Page - Motorola, Inc MCD212 Datasheet HTML 33Page - Motorola, Inc MCD212 Datasheet HTML 34Page - Motorola, Inc MCD212 Datasheet HTML 35Page - Motorola, Inc MCD212 Datasheet HTML 36Page - Motorola, Inc MCD212 Datasheet HTML 37Page - Motorola, Inc MCD212 Datasheet HTML 38Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
MCD212
5–5
MOTOROLA
Table 5–6. Vertical Synchronization Timing
(in lines)*
50 Hz (FD = 0)
60 H (FD
1)
ST = 0
ST = 1
60 Hz (FD = 1)
J
312
312
262
K
280
240
240
L
26
46
18
M
6
26
4
P
2.5
2.5
3
* Non–interlace mode (SM = 0)
Table 5–7. Vertical Synchronization Timing
(in lines)
50 Hz (FD = 0)
60 Hz (FD = 1)
Odd Field (PA = 1)
Even Field (PA = 0)
Odd Field
Even Field
ST = 0
ST = 1
ST = 0
ST =1
Odd Field
(PA = 1)
Even Field
(PA = 0)
J
312.5
312.5
312.5
312.5
262.5
262.5
K
280
240
280
240
240
240
L
26
46
26.5
46.5
18
18.5
M
6.5
26.5
6
26.5
4.5
4
P
2.5
2.5
2.5
2.5
3
3
* Interlace Mode (SM = 1)
NOTES:
To determine the time from the number of display lines, simply multiply the number of lines by the total line
width (not the active display width). For instance, in an NTSC system with a 63.56
µs (from Table 5–5) line
width, the total vertical display time for an interlace display is:
63.56
µs x 262.5 lines = 16.6845 ms
or the display rate is: 59.94 Hz.
VSYNC
P
CSYNC
310
311
312
1
2345
Figure 5–6. CSYNC Timing in the 50 Hz (FD = 0), Non–interlace Mode (SM = 0)
VSYNC
P
CSYNC
260
261
262
1
2345
Figure 5–7. CSYNC Timing in the 60 Hz (FD = 1), Non–interlace Mode (SM = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com