Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 76 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 76 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 72Page - Motorola, Inc MCD212 Datasheet HTML 73Page - Motorola, Inc MCD212 Datasheet HTML 74Page - Motorola, Inc MCD212 Datasheet HTML 75Page - Motorola, Inc MCD212 Datasheet HTML 76Page - Motorola, Inc MCD212 Datasheet HTML 77Page - Motorola, Inc MCD212 Datasheet HTML 78Page - Motorola, Inc MCD212 Datasheet HTML 79Page - Motorola, Inc MCD212 Datasheet HTML 80Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 87 page
background image
MCD212
11–3
MOTOROLA
TIMING (continued)
No.
Note
Unit
Max
Min
Parameter
11
CLK2 High to VSD, VSA
5
25
ns
12
OE Low to R0 – R7, G0 – G7, B0 – B7 Three–State
5
23
ns
13
OE High to R0 – R7, G0 – G7, B0 – B7 Active
5
23
ns
14
Address to U/LDS Low (Read)
0
—
ns
15
U/LDS High to Address Invalid (Read)
5
—
ns
16
U/LDS Low to R/W High (Read)
—
25
ns
17
U/LDS Low to CS Low (Read)
—
25
ns
18
U/LDS High to R/W Hold (Read)
5
—
ns
19
U/LDS Low to DTACK Low (DRAM Read)
235
320
ns
1
20
U/LDS Low to DTACK Low (Register Read)
75
135
ns
1
21
21a
U/LDS High to DTACK High (Three–State)
DTACK Active High Time
0
TBD
43
TBD
ns
22
22a
DTACK Low to Data Valid (Read) – Pin 99 Low
DTACK Low to Data Valid (Read) – Pin 99 High
—
—
40
32
ns
2
23
23a
U/LDS High to Data Invalid (Read)
U/LDS High to Data Three–State (Read)
0
—
—
40
ns
24
Address to U/LDS Low (Write)
0
—
ns
25
U/LDS High to Address Invalid (Write)
0
—
ns
26
26a
U/LDS Low to R/W Low (Write)
U/LDS Low to CS Low (Write)
—
—
25
25
ns
27
U/LDS High to R/W High (Write)
0
—
ns
28
Data Valid to U/LDS Low (Write)
0
—
ns
29
U/LDS High to Data Invalid (Write)
0
—
ns
30
30a
U/LDS Low to DTACK Low (DRAM Write)
U/LDS Low to DTACK Low (Register Write)
45
75
105
135
ns
1
1
31
U/LDS High to DTACK Three–State (Write)
0
43
ns
32
U/LDS Low to CSROM or CSIO Low
—
17
ns
33
U/LDS High to CSROM or CSIO High
—
13
ns
34
U/LDS Low to DTACK for ROM Low
11 + d
43 + d
ns
3
35
U/LDS High to DTACK for ROM High
0
50
ns
36
RAS High Pulse Duration (tRP)
65
—
ns
37
RAS Low Pulse Duration (tRAS)
90
—
ns
38
CAS High Pulse Duration (tCP)
20
—
ns
39
CAS Low Pulse Duration (tCAS)
30
—
ns
40
CAS High to RAS Low Delay (tCRP)
50
—
ns
41
RAS Low to CAS Low Delay (tRCD)
60
—
ns
NOTES:
1. These figures are valid for free–run. If video is enabled the max delay increases with a maximum of 16 CLK periods.
2. This timing is switchable using Pin 99 and is valid for Video Channel and DRAM accesses
Pin 99 – Low 40 ns (max) advance (68000/070/340/341–16)
Pin 99 – High 32 ns (max) advance (68340/341–25)
Timing of DTACK for ROM accesses is unchanged.
3. The delay d is the delay mentioned in the Delay Times Table and depends on the CLK frequency and the programmed value DD, DD1, DD2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com