Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 14 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 14 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 10Page - Motorola, Inc MCD212 Datasheet HTML 11Page - Motorola, Inc MCD212 Datasheet HTML 12Page - Motorola, Inc MCD212 Datasheet HTML 13Page - Motorola, Inc MCD212 Datasheet HTML 14Page - Motorola, Inc MCD212 Datasheet HTML 15Page - Motorola, Inc MCD212 Datasheet HTML 16Page - Motorola, Inc MCD212 Datasheet HTML 17Page - Motorola, Inc MCD212 Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
MCD212
1–2
MOTOROLA
1.2
FEATURES
System Interface:
• Direct Interface for 680X0 Bus Compatible Devices
• 1M Byte ROM Control
• 1K Byte I/O Control
• Reset Sequencer, Including ROM Shadowing
• Watchdog Timer
DRAM Interface:
• 4M Byte DRAM Direct Drive
• 256K x 4, 1M x 4, and 256K x 16 DRAM Types Can be Used
Video Interface:
• Up to 768 x 560 Screen Resolution
• Capability to Display Run–length Coded Files
• Mosaic Effect
• 256–entry Color Look Up Table (CLUT)
• Two Delta YUV Decoders
• Cursor Shape, Color, and Blink Control
• Overlaying of Four Video Planes
• Special Effects via Weight Control, Priority Control, etc.
• Dynamic Programmable Registers and CLUT Reload in Retrace Period
• Digital RGB Output (8 Bits per Component)
• Synchro Generator for 50 and 60 Hz Scan
• Synchronization with External Video
General:
• CMOS Technology
• 160–pin Quad Flat Pack Plastic Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com