Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 20 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 20 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 16Page - Motorola, Inc MCD212 Datasheet HTML 17Page - Motorola, Inc MCD212 Datasheet HTML 18Page - Motorola, Inc MCD212 Datasheet HTML 19Page - Motorola, Inc MCD212 Datasheet HTML 20Page - Motorola, Inc MCD212 Datasheet HTML 21Page - Motorola, Inc MCD212 Datasheet HTML 22Page - Motorola, Inc MCD212 Datasheet HTML 23Page - Motorola, Inc MCD212 Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
MCD212
3–1
MOTOROLA
3
SYSTEM CONTROL
The VDSC performs several 680X0 system control functions.
3.1
RESET AND HALT GENERATION
When the RSTIN pin is released, the timing chain counts eight video frames (= 8 x 312 x 112 x 16 CLK
cycles) in the default internal configuration at power on before the RSTOUT (reset output) pin is re-
leased, i.e., 160 ms with a 28 MHz crystal, 150 ms with a 30 MHz crystal, or 148 ms with a
30.2097 MHz crystal. The HALT pin is released one video line later. At RESET, VDSC registers are
configured in the state indicated in Section 3.2.
RSTIN
RSTOUT
= SYSTEM RESET
HALT
t
> 100 ms
1 VIDEO LINE
POWER ON
Figure 3–1. Reset and Halt Timing Chart
3.2
RESET MECHANISM
The following bits in these control registers are reset by the RESET input:
Image Coding Method Register: (hCO):
bits 0, 1, 2, 3, 8, 9, 10, 11, 18 (plane A and B off,
external video disabled)
Cursor Control Register: (hCE):
bit 23 (cursor disabled)
Background Color Register: (hD8):
bits 0, 1, 2, 3 (black backdrop)
The following bits in internal registers are reset by the RESET input:
CSR1W:
DI1, DD1, DD2, TD, DD, ST, BE
CSR2W:
DI2
DCR1:
DE, CF, FD, SM, CM1, IC1, DC1
DCR2:
CM2, IC2, DC2
DDR1:
MF1, MF2, FT1, FT2
DDR2:
MF1, MF2, FT1, FT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com