Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 16 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 16 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 12Page - Motorola, Inc MCD212 Datasheet HTML 13Page - Motorola, Inc MCD212 Datasheet HTML 14Page - Motorola, Inc MCD212 Datasheet HTML 15Page - Motorola, Inc MCD212 Datasheet HTML 16Page - Motorola, Inc MCD212 Datasheet HTML 17Page - Motorola, Inc MCD212 Datasheet HTML 18Page - Motorola, Inc MCD212 Datasheet HTML 19Page - Motorola, Inc MCD212 Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
MCD212
2–1
MOTOROLA
2
PIN DESCRIPTION
2.1
INTRODUCTION
“Active” and “inactive” or “asserted” and “negated” are referred to in this user manual independent of
whether the signal is active in the high (logic 1) state or the low (logic 0) state. The definition of the
active level of each signal may be found in the individual pin descriptions.
2.2
PIN FUNCTION DESCRIPTION
2.2.1
System Interface
Mnemonic
Type
Name and Function
A1 – A22
I
System address lines. Provides address for access from the system
bus. Must be stable when UDS and/or LDS are asserted.
D0 – D15
I/O
Bidirectional data bus, three–state. Used to transfer DATA between
system bus and VDSC. Must be stable when UDS or LDS is
asserted during write access. Driven by VDSC during read cycles.
D0 is the least significant bit.
UDS
I
Upper Data Strobe. Active low. When asserted, UDS indicates that
data is being addressed on D8 to D15.
LDS
I
Lower Data Strobe. Active low. When asserted, LDS indicates that
data is being addressed on D0 to D7.
R/W
I
Read/Write. This input indicates transfer on the system bus. When
low, indicates data is to be written into VDSC controlled resources or
internal registers. When high, indicates a read is taking place.
CS
I
Chip Select. Active low. When asserted, indicates data transfer
between system bus and VDSC controlled resources is enabled.
Validates address decode for system access.
DTACK
I/O
Data Transfer Acknowledge signal. Active low, three–state. Asserted
by VDSC when the system bus cycle, concerning VDSC controlled
resources, can be continued. This pin must be pulled up externally.
RSTOUT
O
Reset output. Active low, open drain. Asserted by the VDSC reset
sequencer during the reset procedure. This pin must be pulled up
externally.
HALT
O
Halt line output. Active low, open drain. Asserted by the VDSC reset
sequencer during the reset procedure. This pin must be pulled up
externally.
BERR
O
Bus Error output. Active low, three–state. Asserted, when enabled,
by the VDSC watchdog timer circuit if UDS or LDS is still asserted at
the end of the time–out period. This pin must be pulled up externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com