Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 15 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 15 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 11Page - Motorola, Inc MCD212 Datasheet HTML 12Page - Motorola, Inc MCD212 Datasheet HTML 13Page - Motorola, Inc MCD212 Datasheet HTML 14Page - Motorola, Inc MCD212 Datasheet HTML 15Page - Motorola, Inc MCD212 Datasheet HTML 16Page - Motorola, Inc MCD212 Datasheet HTML 17Page - Motorola, Inc MCD212 Datasheet HTML 18Page - Motorola, Inc MCD212 Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 87 page
background image
MCD212
1–3
MOTOROLA
1.3
BLOCK DIAGRAM
RSTOUT
DTACK
CS
LDS
UDS
CSROM
BERR
HALT
HOST
I/F
D15 – D0
A22 – A1
R/W
INT
CSIO
AS
A23
DTACKSEL
TDI
JTAG
TEST
I/F
TMS
TCK
TDO
ICA1/DCA1
CONTROL
DISPLAY
FILE
DECODER 1
ICA2/DCA2
CONTROL
DISPLAY
FILE
DECODER 2
MISC.
ICA2/DCA2
INSTRUCTIONS
VISUAL
EFFECTS
REAL
TIME
DECODER
ICA2/DCA2
INSTRUCTIONS
DRAM
CONTROL
VSA
VSD
CSYNC
HSYNC
DISPLAY
CONTROL
VSYNC
M/S
BLANK
Figure 1–2. Internal Block Diagram
R(7:0)
G(7:0)
B(7:0)
1.4
DIFFERENCES BETWEEN THE MCD211 AND THE MCD212
There are two differences between the parts:
1. JTAG testing has been added for automated board testing. The additional pins required to do this
were VSS pins on the MCD211. Hence, the MCD212 can be put in place of an MCD211 and will
function identically. The functionality of the R/W, LDS, UDS, A1 – A22, RAS pins have been en-
hanced. (See Chapter 2 for the names of the new pins and the changes in functionality.)
2. Also, the processor interface timing has been improved to allow operation with higher speed pro-
cessors. This is detailed in Section 11.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com